Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-1061SR Datasheet(PDF) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-1061SR
Description  1.0 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-1061SR Datasheet(HTML) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-1061SR Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-1061SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1.0
INCH
SINGLE
DIGIT
DISPLAY
A-1061SR
REV:A / 1
—SOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 260 max
Immersion time: with 5 sec
Solder no closer than 2mm from
the base of the package
— Using soldering flux,
” RESIN
FLUX
” is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 260
or lower
Soldering time: within 5 sec.
— During soldering, take care not to
press the tip of iron against the
PIN.
(To prevent heat from being
transferred directly to the PIN.)
1) When soldering the PIN of Display in a jig that the package is fixed with a panel (See fIg.1), be
careful not to stress the PIN with iron tip. When soldering Display in a condition that the package
is fixed with a panel, be careful not to cling and stress the surface of Display on the panel to avoid
damaging the Display.
Regarding solution in the tinning oven for product-tinning, compound sub-solution made of tin &
copper and silver is proposed with the temperature of Celsius 260. The proportion of the
alloyed solution is tin 95.5: copper 3.5: silver 0.5 by percentage. The time of tinning is constantly
3 seconds.
DRAWING NO. : DS-11-05-XXXX
DATE : 2013-04-10
Page : 5
Fig.1
Release
by
PARALIGHTDCC


Similar Part No. - A-1061SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-1061E-AH PARALIGHT-A-1061E-AH Datasheet
199Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
More results

Similar Description - A-1061SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-1021SR PARALIGHT-C-1021SR Datasheet
207Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-1014M9 CHINASEMI-CSS-1014M9 Datasheet
191Kb / 6P
   1.0 Inch Single Digit Display
CSS-1018B7 CHINASEMI-CSS-1018B7 Datasheet
186Kb / 6P
   1.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1021SR PARALIGHT-A-1021SR Datasheet
149Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
A-1021E-A PARALIGHT-A-1021E-A Datasheet
206Kb / 11P
   1.0 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-1014T9 CHINASEMI-CSS-1014T9 Datasheet
192Kb / 6P
   1.0 Inch Single Digit Display
CSS-1018V9 CHINASEMI-CSS-1018V9 Datasheet
187Kb / 6P
   1.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-1021E PARALIGHT-C-1021E Datasheet
198Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-1014G CHINASEMI-CSS-1014G Datasheet
191Kb / 6P
   1.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1021G-A PARALIGHT-A-1021G-A Datasheet
207Kb / 10P
   1.0 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com