Electronic Components Datasheet Search |
|
42228-0115 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
42228-0115 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 02/25/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 22-28-1103 Status: Active Overview: KK® Interconnect System - Molex Description: KK® 254 Breakaway Header, Right-Angle with Friction Lock, 10 Circuits, Tin (Sn) Plating. with Kinked PC Tails Documents: 3D Model Product Specification PS-10-07 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 42228 Application Signal, Wire-to-Board Application Tooling Part Link 11-20-1230 Overview KK® Interconnect System - Molex Product Name KK® 254 UPC 800753801509 Physical Breakaway Yes Circuits (Loaded) 10 Circuits (maximum) 10 Durability (mating cycles max) 25 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Plating Mating Tin Net Weight 1.613/g Number of Rows 1 Orientation Right Angle PC Tail Length 3.05mm PCB Locator No PCB Retention Yes PCB Thickness - Recommended 1.60mm Packaging Type Bag Pitch - Mating Interface 2.54mm Polarized to Mating Part Yes Polarized to PCB No Shrouded Partial Stackable No Temperature Range - Operating See Product Specification Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 4A Voltage - Maximum 250V Solder Process Data Duration at Max. Process Temperature (seconds) 5 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 42228Series Mates With KK® Crimp Housing 2695 , 6471 , 7880 , KK® PC Board Connector 4455 |
Similar Part No. - 42228-0115 |
|
Similar Description - 42228-0115 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |