Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7821KPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7821KPZ
Description  LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821KPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7821KPZ Datasheet HTML 6Page - Analog Devices AD7821KPZ Datasheet HTML 7Page - Analog Devices AD7821KPZ Datasheet HTML 8Page - Analog Devices AD7821KPZ Datasheet HTML 9Page - Analog Devices AD7821KPZ Datasheet HTML 10Page - Analog Devices AD7821KPZ Datasheet HTML 11Page - Analog Devices AD7821KPZ Datasheet HTML 12Page - Analog Devices AD7821KPZ Datasheet HTML 13Page - Analog Devices AD7821KPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD7821
REV. B
–10–
RD Mode (MODE = 0)
The timing diagram for the RD mode is shown in Figure 11.
This mode is intended for use with microprocessors that have a
WAIT state facility, whereby a READ instruction cycle can be
extended to accommodate slow memory devices. A conversion
is started by taking
CS and RD low (READ operation). Both
CS and RD are then kept low until output data appears.
Figure 11. RD Mode
In this mode, Pin 6 of the AD7821 is configured as a status out-
put, RDY. This RDY output can be used to drive the processor
READY or WAIT input. It is an open-drain output (no inter-
nal-pull-up device) which goes low after the falling edge of
CS
and goes high impedance at the end of conversion. An
INT line is
also provided which goes low when a conversion is complete.
INT returns high on the rising edge of CS or RD.
WR-RD Mode (MODE = 1)
In the WR-RD mode, Pin 6 is configured as a WRITE (
WR)
input for the AD7821. With
CS low, conversion is initiated on
the falling edge of
WR. Two options exist for reading data from
the converter.
In the first of these options the processor waits for the
INT status
line to go low before reading the data (see Figure 12a).
INT typically goes low within 380 ns after the rising edge of WR.
It indicates that conversion is complete and that the data result is
in the output latch. With
CS low, the data outputs (DB0–DB7)
are activated when
RD goes low. INT is reset by the rising edge
of
RD or CS.
Figure 12a. WR-RD Mode (tRD > tINTL)
The alternative option can be used to shorten the conversion time.
This is a method for bypassing the internal time-out circuit. The
INT line is ignored and RD can be brought low 250 ns after the
rising edge of
WR. In this case RD going low transfers the data
result into the output latch and activates the data output
(DB0–DB7).
INT is driven low on the falling edge of RD and is
reset on the rising edge of
RD or CS. The timing for this interface
is shown in Figure 12b.
Figure 12b. WR-RD Mode (tRD < tINTL)
The AD7821 can also be used in standalone operation in the
WR-RD mode.
CS and RD are tied low, and a conversion is initi-
ated by bringing
WR low. Output data is valid 530 ns (t
INTL + tID)
after the rising edge of
WR. The timing diagram for this mode is
shown in Figure 13.
Figure 13. WR-RD Mode Stand-Alone Operation,
CS = RD = 0


Similar Part No. - AD7821KPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7821KP AD-AD7821KP Datasheet
249Kb / 12P
   LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7821KP AD-AD7821KP Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com