Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-392G Datasheet(PDF) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-392G
Description  0.39 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-392G Datasheet(HTML) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-392G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-392G Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
0.39
INCH
DUAL
DIGITS
DISPLAY
A-392G B/W
REV:A / 0
4) User shall not reverse engineer by disassembling or analysis of the Display without having prior
written consent from PARA. When defective Display are found, the User shall inform PARA
directly before disassembling or analysis.
5) The formal specifications must be exchanged and signed by both parties before large volume
purchase begins.
6)
The appearance and specifications of the product may be modified for improvement without
notice.
DRAWING NO. : DS-12-10-0028
DATE : 2010-05-08
Page : 10
Release
by
PARALIGHTDCC


Similar Part No. - A-392G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-392G ETC-A-392G Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
More results

Similar Description - A-392G

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-392SR-L24 PARALIGHT-A-392SR-L24 Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392E PARALIGHT-C-392E Datasheet
200Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392G PARALIGHT-C-392G Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392E-L165-EP-A PARALIGHT-A-392E-L165-EP-A Datasheet
213Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392Y PARALIGHT-A-392Y Datasheet
196Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392SR-EP-A PARALIGHT-C-392SR-EP-A Datasheet
203Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-362G-L60 PARALIGHT-A-362G-L60 Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com