Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM56000A Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM56000A
Description  TINY CONTROLLER-BASED DUALCHANNELSPEECHSYNTHESIZER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM56000A Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM56000A Datasheet HTML 4Page - ELAN Microelectronics Corp EM56000A Datasheet HTML 5Page - ELAN Microelectronics Corp EM56000A Datasheet HTML 6Page - ELAN Microelectronics Corp EM56000A Datasheet HTML 7Page - ELAN Microelectronics Corp EM56000A Datasheet HTML 8Page - ELAN Microelectronics Corp EM56000A Datasheet HTML 9Page - ELAN Microelectronics Corp EM56000A Datasheet HTML 10Page - ELAN Microelectronics Corp EM56000A Datasheet HTML 11Page - ELAN Microelectronics Corp EM56000A Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Pr
Pr
Pr
Pr
Preliminar
eliminar
eliminar
eliminar
eliminar
y
y
y
y
y
8
* This specification are subject to be changed without notice.
E
E
E
E
EM5
M5
M5
M5
M56000ASERIES
6000ASERIES
6000ASERIES
6000ASERIES
6000ASERIES
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
TINYCONTROLLER-BASED
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
DUALCHANNELSPEECHSYNTHESIZER
10.15.2001
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
EASY SOUND -
Pad No.
Pad No.
Pad No.
Pad No.
Pad No.
Symbol
Symbol
Symbol
Symbol
Symbol
X
X
X
X
X
Y
Y
Y
Y
Y
1NC
2NC
3
VO1
-512.0
391.0
4
VDD
-528.4
-153.7
5
P3.3
-528.4
-284.7
6
P3.2
-564.8
-498.4
7
P3.1
-443.9
-498.4
8
P3.0
-323.0
-498.4
9
P2.3
-200.9
-498.4
10
P2.2
-78.5
-498.4
11
P2.1
43.9
-498.4
12
P2.0
166.3
-498.4
13
GND
310.5
-498.4
14
OSC
441.5
-498.4
15
TEST
562.7
-498.4
16
NC
17
NC
18
NC
19
NC
20
NC
PAD DIAGRAM
PAD DIAGRAM
PAD DIAGRAM
PAD DIAGRAM
PAD DIAGRAM
Chip Size : 1500 x 1400 um
For PCB layout, IC substrate must be connected to Vss.
(0,0)
EM56101A
5
89
14
15
12
13
P3.0 P2.3
P3.3
OSC TEST
P2.0 GND
10
11
P2.2 P2.1
67
P3.2 P3.1
4
VDD
3
VO1


Similar Part No. - EM56000A

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM562081 ETRON-EM562081 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
EM562081BC-70 ETRON-EM562081BC-70 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
EM562081BC-85 ETRON-EM562081BC-85 Datasheet
115Kb / 12P
   256K x 8 Low Power SRAM
EM562161 ETRON-EM562161 Datasheet
137Kb / 12P
   128K x 16 Low Power SRAM
EM562161BC-55 ETRON-EM562161BC-55 Datasheet
137Kb / 12P
   128K x 16 Low Power SRAM
More results

Similar Description - EM56000A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM55000 EMC-EM55000 Datasheet
398Kb / 20P
   TINY CONTROLLER-BASED SYNTHESIZER
EM55200U EMC-EM55200U Datasheet
110Kb / 5P
   TINY CONTROLLER-BASED SYNTHESIZER
logo
List of Unclassifed Man...
EM57000 ETC-EM57000 Datasheet
256Kb / 15P
   TINY CONTROLLER-BASED SOUND PROCESSOR
logo
ELAN Microelectronics C...
EM57P300 EMC-EM57P300 Datasheet
155Kb / 8P
   TINY CONTROLLER-BASED SOUND PROCESSOR
logo
Aplus Intergrated Circu...
API820G APLUS-API820G Datasheet
584Kb / 5P
   tiny-controller-based voice synthesizer IC
logo
ELAN Microelectronics C...
EM55M450 EMC-EM55M450 Datasheet
274Kb / 7P
   TINY-CONTROLLER-BASED MTP/QTP SOUND PROCESSOR
EM58P300 EMC-EM58P300 Datasheet
39Kb / 4P
   TINY CONTROLLER-BASED DUAL CHANNEL SOUND PROCESSOR
EM55000S EMC-EM55000S Datasheet
100Kb / 5P
   TINY CONTROLLER-BASED SPEECH SYNTHESIZER WITH PWM OUTPUT
logo
New Japan Radio
NJU3102 NJRC-NJU3102 Datasheet
769Kb / 22P
   4-BIT SINGLE CHIP TINY CONTROLLER
NJU3101 NJRC-NJU3101 Datasheet
758Kb / 22P
   4-BIT SINGLE CHIP TINY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com