Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD45128841G5-A10LI-9JF Datasheet(PDF) 5 Page - Elpida Memory

Part # PD45128841G5-A10LI-9JF
Description  128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD45128841G5-A10LI-9JF Datasheet(HTML) 5 Page - Elpida Memory

  PD45128841G5-A10LI-9JF Datasheet HTML 1Page - Elpida Memory PD45128841G5-A10LI-9JF Datasheet HTML 2Page - Elpida Memory PD45128841G5-A10LI-9JF Datasheet HTML 3Page - Elpida Memory PD45128841G5-A10LI-9JF Datasheet HTML 4Page - Elpida Memory PD45128841G5-A10LI-9JF Datasheet HTML 5Page - Elpida Memory PD45128841G5-A10LI-9JF Datasheet HTML 6Page - Elpida Memory PD45128841G5-A10LI-9JF Datasheet HTML 7Page - Elpida Memory PD45128841G5-A10LI-9JF Datasheet HTML 8Page - Elpida Memory PD45128841G5-A10LI-9JF Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
Preliminary Data Sheet E0233N10
5
µµµµPD45128441-I, 45128841-I, 45128163-I
[
µµµµPD45128841]
54-pin Plastic TSOP (II) (10.16mm (400))
4M words
×××× 8 bits ×××× 4 banks
VCC
DQ0
VCCQ
NC
DQ1
VSSQ
NC
DQ2
VCCQ
NC
DQ3
VSSQ
NC
VCC
NC
/WE
/CAS
/RAS
/CS
BA0(A13)
BA1(A12)
A10
A0
A1
A2
A3
VCC
Vss
DQ7
VssQ
NC
DQ6
VccQ
NC
DQ5
VssQ
NC
DQ4
VccQ
NC
Vss
NC
DQM
CLK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
Vss
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
A0 to A11
Note
: Address inputs
BA0(A13), BA1(A12): Bank select
DQ0 to DQ7
: Data inputs / outputs
CLK
: Clock input
CKE
: Clock enable
/CS
: Chip select
/RAS
: Row address strobe
/CAS
: Column address strobe
/WE
: Write enable
DQM
: DQ mask enable
VCC
: Supply voltage
VSS
: Ground
VCCQ
: Supply voltage for DQ
VSSQ
: Ground for DQ
NC
: No connection
Note A0 to A11 : Row address inputs
A0 to A9 : Column address inputs


Similar Part No. - PD45128841G5-A10LI-9JF

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD45128841-T ELPIDA-PD45128841-T Datasheet
713Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
More results

Similar Description - PD45128841G5-A10LI-9JF

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD45128441-T ELPIDA-PD45128441-T Datasheet
713Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I ELPIDA-UPD45128163-I Datasheet
785Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-T ELPIDA-UPD45128163-T Datasheet
774Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163-SU ELPIDA-PD45128163-SU Datasheet
701Kb / 87P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I-E ELPIDA-UPD45128163-I-E Datasheet
962Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
logo
NEC
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com