Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMOC3063H Datasheet(PDF) 9 Page - COSMO Electronics Corporation

Part # KMOC3063H
Description  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3063H Datasheet(HTML) 9 Page - COSMO Electronics Corporation

Back Button KMOC3063H Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3063H Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3063H Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3063H Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3063H Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3063H Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3063H Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3063H Datasheet HTML 9Page - COSMO  Electronics Corporation KMOC3063H Datasheet HTML 10Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42002.1
- 9 -
http://www.cosmo-ic.com
cosmo
KMOC306X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
L Carrier Tape & Reel
24.40
30.40 Max.
Unit:mm
TOLERANCE±0.2mm
TLD
TRU
7.6
12.0
4.0
2.0
4.15
0.4
Direction of feed from reel
Direction of feed from reel


Similar Part No. - KMOC3063H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3063H COSMO-KMOC3063H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3063H COSMO-KMOC3063H Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - KMOC3063H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC308X COSMO-KMOC308X_15 Datasheet
268Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com