Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMOC305X Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KMOC305X
Description  5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC305X Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KMOC305X Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC305X Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC305X Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC305X Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC305X Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC305X Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC305X Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC305X Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC305X Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P41002.1
- 5 -
http://www.cosmo-ic.com
cosmo
KMOC305X Series
5PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Fig.7 On-state Characteristics
Fig.8 Leakage with LED off
vs. Ambient Temperature
-3
-400
-2
-1
0
123
-300
-200
-100
0
+100
+200
+300
+400
Output pulse width 80us
IF=30mA, f=60Hz, Ta=25°C
1
-40 -20
0
20
40
60
80 100 115
10
100
1000
On-state Voltage (V)
Ambient Temperature Ta ( )
Fig.9 Trigger Current
vs. Ambient Temperature
-40 -20
0
20
406080 100 115
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Normalized to Ta=25°C
Ambient Temperature Ta ( )


Similar Part No. - KMOC305X

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Similar Description - KMOC305X

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X_15 Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP165J COSMO-KTLP165J_15 Datasheet
207Kb / 9P
   4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com