Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-431G Datasheet(PDF) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-431G
Description  0.43 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-431G Datasheet(HTML) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-431G Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-431G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-431G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-431G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-431G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-431G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-431G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-431G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-431G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
0.43
INCH
SINGLE
DIGIT
DISPLAY
C-431G
REV:A / 0
—SOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 250 max
Immersion time: within 3 sec
Solder no closer than 2mm from
the base of the package
— Using soldering flux,
” RESIN FLUX”
is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 260
or lower
Soldering time: within 5 sec.
— During soldering, take care not to
press the tip of iron against the
PIN.
(To prevent heat from being
transferred directly to the PIN.)
1) When soldering the PIN of Display in a jig that the package is fixed with a panel (See fIg.1), be
careful not to stress the PIN with iron tip. When soldering Display in a condition that the package
is fixed with a panel, be careful not to cling and stress the surface of Display on the panel to avoid
damaging the Display.
Regarding solution in the tinning oven for product-tinning, compound sub-solution made of tin &
copper and sliver is proposed with the temperature of Celsius 260. The proportion of the
alloyed solution is tin 95.5: copper 3.5: silver 0.5 by percentage. The time of tinning is constantly
3 seconds.
DRAWING NO. : DS-11-02-0164
DATE : 2013-04-11
Page : 5
Fig.1
Release
by
PARALIGHTDCC


Similar Part No. - C-431G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-431G ETC1-C-431G Datasheet
94Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-431G

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-431E PARALIGHT-C-431E Datasheet
199Kb / 10P
   0.43 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4310B7 CHINASEMI-CSS-4310B7 Datasheet
185Kb / 6P
   0.43 Inch Single Digit Display
CSS-4310E CHINASEMI-CSS-4310E Datasheet
191Kb / 6P
   0.43 Inch Single Digit Display
CSS-4310V9 CHINASEMI-CSS-4310V9 Datasheet
184Kb / 6P
   0.43 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-431SR PARALIGHT-C-431SR Datasheet
207Kb / 10P
   0.43 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4310T9 CHINASEMI-CSS-4310T9 Datasheet
189Kb / 6P
   0.43 Inch Single Digit Display
CSS-4310A9 CHINASEMI-CSS-4310A9 Datasheet
187Kb / 6P
   0.43 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-431SR-L-EP-AH PARALIGHT-A-431SR-L-EP-AH Datasheet
246Kb / 12P
   0.43 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4310M9 CHINASEMI-CSS-4310M9 Datasheet
190Kb / 6P
   0.43 Inch Single Digit Display
CSS-4310S CHINASEMI-CSS-4310S Datasheet
189Kb / 6P
   0.43 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com