Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT-191UY Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HT-191UY
Description  Label Specifications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-191UY Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HT-191UY Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-191UY Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-191UY Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-191UY Datasheet HTML 9Page - List of Unclassifed Manufacturers HT-191UY Datasheet HTML 10Page - List of Unclassifed Manufacturers HT-191UY Datasheet HTML 11Page - List of Unclassifed Manufacturers HT-191UY Datasheet HTML 12Page - List of Unclassifed Manufacturers HT-191UY Datasheet HTML 13Page - List of Unclassifed Manufacturers HT-191UY Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Top-emitting 0603 (1608)
HT-191 Series
Official Product
Product: HT-191 Series
Data Sheet No.
Tentative Product
****************
HT-191 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
Jan. 14, 2009
Version of 1.4
Page
10/25
Chromaticity Bin (for TW only):
Rank C1
Rank C2
x
0.2500
0.2700
0.2700
0.2500
x
0.2700
0.2900
0.2900
0.2700
y
0.2500
0.2775
0.2325
0.2050
y
0.2775
0.3050
0.2600
0.2325
Rank D1
Rank D2
x
0.2900
0.3100
0.3100
0.2900
x
0.3100
0.3300
0.3300
0.3100
y
0.3050
0.3325
0.2875
0.2600
y
0.3325
0.3600
0.3150
0.2875
0
0.1
0.2
0.3
0.4
0.5
0
0.1
0.2
0.3
0.4
0.5
0.6
C1
C2
D
1
D2
@20mA / Ta=25℃, Tolerance: + 0.01


Similar Part No. - HT-191UY

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
HT-190 ELITE-HT-190 Datasheet
205Kb / 2P
   Visible LED
HT-190CB ELITE-HT-190CB Datasheet
205Kb / 2P
   Visible LED
HT-190CBS ELITE-HT-190CBS Datasheet
205Kb / 2P
   Visible LED
HT-190CG ELITE-HT-190CG Datasheet
205Kb / 2P
   Visible LED
HT-190CW ELITE-HT-190CW Datasheet
205Kb / 2P
   Visible LED
More results

Similar Description - HT-191UY

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
   Label - EV-LABEL-L
1315521 PHOENIX-1315521 Datasheet
47Kb / 2P
   Label - EV-LABEL-C-SO
logo
Pepperl+Fuchs Inc.
HIALC-HICTF-SET-114 PF-HIALC-HICTF-SET-114 Datasheet
211Kb / 1P
   Label Carrier
ULB-18GM50-255-2E1 PF-ULB-18GM50-255-2E1 Datasheet
388Kb / 4P
   Label sensor
ULB-18GM50-255-2E3 PF-ULB-18GM50-255-2E3 Datasheet
388Kb / 4P
   Label sensor
HIALC-HICTB-SET-108 PF-HIALC-HICTB-SET-108 Datasheet
363Kb / 1P
   Label Carrier
HIALC-HIDTB-SET-150 PF-HIALC-HIDTB-SET-150 Datasheet
363Kb / 1P
   Label Carrier
ZH-Z.BT PF-ZH-Z.BT Datasheet
90Kb / 1P
   Label Carrier
logo
Ultralife Corporation.
UBBL10-01-CB ULTRALIFE-UBBL10-01-CB Datasheet
520Kb / 3P
   SMBus Commercial Label
Rev: B
logo
Pepperl+Fuchs Inc.
BMKL18X8 PF-BMKL18X8 Datasheet
357Kb / 2P
   Self-adhesive label
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com