Electronic Components Datasheet Search |
|
DG417BDY-T1-E3 Datasheet(PDF) 11 Page - Vishay Siliconix |
|
DG417BDY-T1-E3 Datasheet(HTML) 11 Page - Vishay Siliconix |
11 / 16 page NOTES: 1. Die thickness allowable is 0.203 "0.0127. 2. Dimensioning and tolerances per ANSI.Y14.5M-1994. 3. Dimensions “D” and “E1” do not include mold flash or protrusions, and are measured at Datum plane -H- , mold flash or protrusions shall not exceed 0.15 mm per side. 4. Dimension is the length of terminal for soldering to a substrate. 5. Terminal positions are shown for reference only. 6. Formed leads shall be planar with respect to one another within 0.10 mm at seating plane. 7. The lead width dimension does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess of the lead width dimension at maximum material condition. Dambar cannot be located on the lower radius or the lead foot. Minimum space between protrusions and an adjacent lead to be 0.14 mm. See detail “B” and Section “C-C”. 8. Section “C-C” to be determined at 0.10 mm to 0.25 mm from the lead tip. 9. Controlling dimension: millimeters. 10. This part is compliant with JEDEC registration MO-187, variation AA and BA. 11. Datums -A- and -B- to be determined Datum plane -H- . 12. Exposed pad area in bottom side is the same as teh leadframe pad size. 5 N N-1 A B C 0.20 (N/2) Tips) 2X N/2 2 1 0.60 0.50 E Top View e See Detail “B” -H- 3 D -A- Seating Plane A1 A 6 C 0.10 Side View 0.25 BSC T 4 L -C- Seating Plane 0.07 R. Min 2 Places Parting Line Detail “A” (Scale: 30/1) 0.48 Max Detail “B” (Scale: 30/1) Dambar Protrusion 7 C 0.08 M B S A S b b1 With Plating Base Metal c1 c Section “C-C” Scale: 100/1 (See Note 8) See Detail “A” A2 0.05 S C C ς 3 E1 -B- End View e1 0.95 Package Information Vishay Siliconix Document Number: 71244 12-Jul-02 www.vishay.com 1 MSOP: 8−LEADS JEDEC Part Number: MO-187, (Variation AA and BA) N = 8L MILLIMETERS Dim Min Nom Max Note A - - 1.10 A1 0.05 0.10 0.15 A2 0.75 0.85 0.95 b 0.25 - 0.38 8 b1 0.25 0.30 0.33 8 c 0.13 - 0.23 c1 0.13 0.15 0.18 D 3.00 BSC 3 E 4.90 BSC E1 2.90 3.00 3.10 3 e 0.65 BSC e1 1.95 BSC L 0.40 0.55 0.70 4 N 8 5 T 0 _ 4 _ 6 _ ECN: T-02080—Rev. C, 15-Jul-02 DWG: 5867 |
Similar Part No. - DG417BDY-T1-E3 |
|
Similar Description - DG417BDY-T1-E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |