Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG417BDY-T1 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG417BDY-T1
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417BDY-T1 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG417BDY-T1 Datasheet HTML 2Page - Vishay Siliconix DG417BDY-T1 Datasheet HTML 3Page - Vishay Siliconix DG417BDY-T1 Datasheet HTML 4Page - Vishay Siliconix DG417BDY-T1 Datasheet HTML 5Page - Vishay Siliconix DG417BDY-T1 Datasheet HTML 6Page - Vishay Siliconix DG417BDY-T1 Datasheet HTML 7Page - Vishay Siliconix DG417BDY-T1 Datasheet HTML 8Page - Vishay Siliconix DG417BDY-T1 Datasheet HTML 9Page - Vishay Siliconix DG417BDY-T1 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.vishay.com
6
Document Number: 72107
S09-1261-Rev. D, 13-Jul-09
Vishay Siliconix
DG417B, DG418B, DG419B
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Switching Time vs. Temperature
Transition Time vs. Temperature
Switching Threshold vs. Supply Voltage
20
40
60
80
100
120
140
- 55
- 35
- 15
5
25
45
65
85
105
125
Temperature ( C)
tOFF V = 12 V
tON V = ± 15 V
tON V = 12 V
VL = 5 V
tOFF V = ± 15 V
20
40
60
80
100
120
140
- 55
- 35
- 15
5
25
45
65
85
105
125
Temperature ( C)
V+ = 12 V
V- = 0 V
VL = 5 V
tTRANS+
tTRANS-
0.0
0.5
1.0
1.5
2.0
2.5
3.0
46
8
10
12
14
16
18
20
V+ - Supply Voltage (V)
VL = 5 V
Transition Time vs. Temperature
Insertion Loss, Off -Isolation Crosstalk vs. Frequency
Insertion Loss, Off -Isolation Crosstalk vs. Frequency
20
30
40
50
60
70
80
90
100
- 55
- 35
- 15
5
25
45
65
85
105
125
Temperature ( C)
tTRANS-
V ± = ± 15 V
VL = 5 V
tTRANS+
Frequency (Hz)
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
100K
1M
10M
100M
1G
OIRR
Loss
DG417B
V+ = + 15 V
V- = - 15 V
RL = 50 Ω
Frequency (Hz)
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
10
100K
1M
10M
100M
1G
Loss
XTALK
DG419B
V+ = + 15 V
V- = - 15 V
RL = 50 Ω
OIRR


Similar Part No. - DG417BDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417BDY-T1 VISHAY-DG417BDY-T1 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG417BDY-T1 VISHAY-DG417BDY-T1 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG417BDY-T1-E3 VISHAY-DG417BDY-T1-E3 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG417BDY-T1-E3 VISHAY-DG417BDY-T1-E3 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results

Similar Description - DG417BDY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com