Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT-170Y Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HT-170Y
Description  Harvatek Surface Mount LED Data Sheet
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT-170Y Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HT-170Y Datasheet HTML 1Page - List of Unclassifed Manufacturers HT-170Y Datasheet HTML 2Page - List of Unclassifed Manufacturers HT-170Y Datasheet HTML 3Page - List of Unclassifed Manufacturers HT-170Y Datasheet HTML 4Page - List of Unclassifed Manufacturers HT-170Y Datasheet HTML 5Page - List of Unclassifed Manufacturers HT-170Y Datasheet HTML 6Page - List of Unclassifed Manufacturers HT-170Y Datasheet HTML 7Page - List of Unclassifed Manufacturers HT-170Y Datasheet HTML 8Page - List of Unclassifed Manufacturers HT-170Y Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Top-emitting 0805 (2013)
HT-170 Series
Official Product
Product: HT-170 Series
Data Sheet No.
Tentative Product
****************
HT-170 Series
Specifications are subject to change without notice. Data and
drawings herein are copyrighted.
MAR. 27, 2012
Version of 1.2
Page
5/23
Specification
Material
Quantity
Resin
Water clear
Epoxy resin
Carrier tape
Per EIA 481-1A specs
Conductive black tape
4000pcs per reel
Reel
Per EIA 481-1A specs
Conductive black
Label
HT standard
Paper
Packing bag
220x240mm
Aluminum laminated bag/ no-zipper
One reel per bag
Carton
HT standard
Paper
Others:
Each immediate box consists of 5 reels. The 5 reels may not necessarily have the same lot number or the same
bin combinations of Iv,
λ
D and Vf. Each reel has a label identifying its specification; the immediate box consists of
a product label as well.
ATTENTION: Electrostatic Discharge (ESD) protection
The symbol to the left denotes that ESD precaution is needed. ESD protection for
GaP and AlGaAs based chips is necessary even though they are relatively safe in
the presence of low static-electric discharge. Parts built with AlInGaP, GaN,
or/and InGaN based chips are STATIC SENSITIVE devices. ESD precaution must be taken
during design and assembly.
If manual work or processing is needed, please ensure the device is adequately protected
from ESD during the process.
Compliant and Certified
ISO9002, QS9000 and ISO14001 Certified
RoHS Compliant


Similar Part No. - HT-170Y

ManufacturerPart #DatasheetDescription
logo
Elite Enterprises (H.K....
HT-170Y ELITE-HT-170Y Datasheet
385Kb / 2P
   Visible LED
HT-170YG ELITE-HT-170YG Datasheet
385Kb / 2P
   Visible LED
More results

Similar Description - HT-170Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT-260TW ETC2-HT-260TW Datasheet
977Kb / 25P
   Harvatek Surface Mount LED Data Sheet
logo
Inolux Corporation
HT-182TW5 INOLUX-HT-182TW5 Datasheet
1Mb / 18P
   Harvatek Surface Mount LED
HT-297 INOLUX-HT-297 Datasheet
1Mb / 20P
   Harvatek Surface Mount LED
HT-110 INOLUX-HT-110 Datasheet
1Mb / 24P
   Harvatek Surface Mount LED
HT-B259 INOLUX-HT-B259 Datasheet
1Mb / 17P
   Harvatek Surface Mount LED
HT-F196 INOLUX-HT-F196 Datasheet
1Mb / 21P
   Harvatek Surface Mount LED
HT-12H INOLUX-HT-12H Datasheet
1Mb / 21P
   Harvatek Surface Mount LED
HT-121 INOLUX-HT-121 Datasheet
1Mb / 24P
   Harvatek Surface Mount LED
HT-170 INOLUX-HT-170 Datasheet
1Mb / 24P
   Harvatek Surface Mount LED
HT-210 INOLUX-HT-210 Datasheet
1Mb / 21P
   Harvatek Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com