Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE21XKY680JM01F Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # DE21XKY680JM01F
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE21XKY680JM01F Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button DE21XKY680JM01F Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE21XKY680JM01F Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE21XKY680JM01F Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE21XKY680JM01F Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DE21XKY680JM01F Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DE21XKY680JM01F Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DE21XKY680JM01F Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DE21XKY680JM01F Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DE21XKY680JM01F Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
Part Number
AC Rated
Voltage
Temp.
Char.
Capacitance
Body
Dia. D
Lead
Spacing F
(mm)
Body
Thickness T
Lead
Package
Long Bulk
Lead
Package
Short Bulk
Lead
Package
Taping
DE2B3KH101K
ppp
250Vac(r.m.s.)
B
100pF±10%
8.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2B3KH151K
ppp
250Vac(r.m.s.)
B
150pF±10%
8.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2B3KH221K
ppp
250Vac(r.m.s.)
B
220pF±10%
8.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2B3KH331K
ppp
250Vac(r.m.s.)
B
330pF±10%
8.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2B3KH471K
ppp
250Vac(r.m.s.)
B
470pF±10%
8.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2B3KH681K
ppp
250Vac(r.m.s.)
B
680pF±10%
9.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2E3KH102M
ppp
250Vac(r.m.s.)
E
1000pF±20%
8.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2E3KH152M
ppp
250Vac(r.m.s.)
E
1500pF±20%
9.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2E3KH222M
ppp
250Vac(r.m.s.)
E
2200pF±20%
10.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2E3KH332M
ppp
250Vac(r.m.s.)
E
3300pF±20%
12.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2E3KH472M
ppp
250Vac(r.m.s.)
E
4700pF±20%
13.0mm max.
7.5
7.0mm max.
A3B
B3B
N3A
DE2F3KH103M
ppp
250Vac(r.m.s.)
F
10000pF±20%
16.0mm max.
7.5
7.0mm max.
A3B
B3B
N7A
Three blank columns are filled with the lead and packaging codes. Please refer to the 3 columns on the right for the appropriate code.
Murata part numbers might be changed depending on lead code or any other changes. Therefore, please specify only the type name (KH) and capacitance of products
in the parts list when it is required for applying safety standard of electric equipment.
C85E.pdf
Apr.7,2014
9
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2


Similar Part No. - DE21XKY680JM01F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE21XKY680JM01 MURATA-DE21XKY680JM01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE21XKY680JM01 MURATA-DE21XKY680JM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE21XKY680JM01 MURATA-DE21XKY680JM01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE21XKY680JM01F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com