Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW50-27B Datasheet(PDF) 5 Page - STMicroelectronics

Part # BZW50-27B
Description  Transil?? transient voltage surge suppressor (TVS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50-27B Datasheet(HTML) 5 Page - STMicroelectronics

  BZW50-27B Datasheet HTML 1Page - STMicroelectronics BZW50-27B Datasheet HTML 2Page - STMicroelectronics BZW50-27B Datasheet HTML 3Page - STMicroelectronics BZW50-27B Datasheet HTML 4Page - STMicroelectronics BZW50-27B Datasheet HTML 5Page - STMicroelectronics BZW50-27B Datasheet HTML 6Page - STMicroelectronics BZW50-27B Datasheet HTML 7Page - STMicroelectronics BZW50-27B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BZW50
Ordering information scheme
Doc ID 2973 Rev 5
5/8
2
Ordering information scheme
Figure 11.
Ordering information scheme
Figure 9.
Transient thermal impedance
junction to ambient vs. pulse
duration
Figure 10.
Relative variation of leakage
current vs. junction temperature
0.01
0.1
1
10
100
1000
1
10
100
Zth (j-a) (°C/W)
t (s)
p
BZW
50
10
CA
RL
Transil
Peak Pulse Power
Breakdown Voltage
Packaging
50 = 5000 W
100 = 100 V
Blank = Ammopack tape
RL = Tape and reel
Types
A = Unidirectional
CA = Bidirectional


Similar Part No. - BZW50-27B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW50-27B STMICROELECTRONICS-BZW50-27B Datasheet
78Kb / 5P
   TRANSILTM
logo
EIC discrete Semiconduc...
BZW50-27B EIC-BZW50-27B Datasheet
47Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
BZW50-27B STMICROELECTRONICS-BZW50-27B Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
logo
New Jersey Semi-Conduct...
BZW50-27B NJSEMI-BZW50-27B Datasheet
207Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
BZW50-27B NJSEMI-BZW50-27B Datasheet
140Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW50-27B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com