Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD45128841-T Datasheet(PDF) 2 Page - Elpida Memory

Part # PD45128841-T
Description  128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD45128841-T Datasheet(HTML) 2 Page - Elpida Memory

  PD45128841-T Datasheet HTML 1Page - Elpida Memory PD45128841-T Datasheet HTML 2Page - Elpida Memory PD45128841-T Datasheet HTML 3Page - Elpida Memory PD45128841-T Datasheet HTML 4Page - Elpida Memory PD45128841-T Datasheet HTML 5Page - Elpida Memory PD45128841-T Datasheet HTML 6Page - Elpida Memory PD45128841-T Datasheet HTML 7Page - Elpida Memory PD45128841-T Datasheet HTML 8Page - Elpida Memory PD45128841-T Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
Data Sheet E0218N20
2
µµµµPD45128441-T, 45128841-T, 45128163-T
Ordering Information
Part number
Organization
(word
× bit × bank)
Clock frequency
MHz (MAX.)
Package
Note
µPD45128441G5-A75T-9JF
8M
× 4 × 4
133
54-pin Plastic TSOP (II) Ambient temperature
µPD45128441G5-A80T-9JF
125
(10.16mm (400))
TA =
−20 to + 85°C
µPD45128441G5-A10T-9JF
100
µPD45128841G5-A75T-9JF
4M
× 8 × 4
133
µPD45128841G5-A80T-9JF
125
µPD45128841G5-A10T-9JF
100
µPD45128163G5-A75T-9JF
2M
× 16 × 4
133
µPD45128163G5-A80T-9JF
125
µPD45128163G5-A10T-9JF
100
µPD45128441G5-A75LT-9JF
8M
× 4 × 4
133
µPD45128441G5-A80LT-9JF
125
µPD45128441G5-A10LT-9JF
100
µPD45128841G5-A75LT-9JF
4M
× 8 × 4
133
µPD45128841G5-A80LT-9JF
125
µPD45128841G5-A10LT-9JF
100
µPD45128163G5-A75LT-9JF
2M
× 16 × 4
133
µPD45128163G5-A80LT-9JF
125
µPD45128163G5-A10LT-9JF
100


Similar Part No. - PD45128841-T

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD45128841-I ELPIDA-PD45128841-I Datasheet
710Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
More results

Similar Description - PD45128841-T

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
UPD45128163-I ELPIDA-UPD45128163-I Datasheet
785Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128441-I ELPIDA-PD45128441-I Datasheet
710Kb / 89P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-T ELPIDA-UPD45128163-T Datasheet
774Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
PD45128163-SU ELPIDA-PD45128163-SU Datasheet
701Kb / 87P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
UPD45128163-I-E ELPIDA-UPD45128163-I-E Datasheet
962Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL WTR (Wide Temperature Range)
logo
NEC
UPD45128441 NEC-UPD45128441 Datasheet
1Mb / 92P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163-E ELPIDA-UPD45128163-E Datasheet
932Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com