Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V600-D23P61 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # V600-D23P61
Description  Non-contact Data Communications System
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-D23P61 Datasheet(HTML) 2 Page - Omron Electronics LLC

  V600-D23P61 Datasheet HTML 1Page - Omron Electronics LLC V600-D23P61 Datasheet HTML 2Page - Omron Electronics LLC V600-D23P61 Datasheet HTML 3Page - Omron Electronics LLC V600-D23P61 Datasheet HTML 4Page - Omron Electronics LLC V600-D23P61 Datasheet HTML 5Page - Omron Electronics LLC V600-D23P61 Datasheet HTML 6Page - Omron Electronics LLC V600-D23P61 Datasheet HTML 7Page - Omron Electronics LLC V600-D23P61 Datasheet HTML 8Page - Omron Electronics LLC V600-D23P61 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
Electromagnetic Coupling RFID System
V600
■ R/W Heads
■ ID Controllers
Item
Model
Specifications/Design
Rectangular type
V600-H07 (0.5 m)
Dimensions: 100
× 100 × 30 mm
0.5-m cable
V600-H07 (2 m)
2-m cable
V600-H07 (5 m)
5-m cable
V600-H07 (10 m)
10-m cable
V600-H11 (0.5 m)
Dimensions: 53
× 40 × 23 mm
0.5-m cable
V600-H11-R (0.5 m)
0.5-m cable
V600-H11 (2 m)
2-m cable
V600-H11 (5 m)
5-m cable
V600-H11 (10 m)
10-m cable
Cylinder type
V600-H51 (0.5 m)
Dimensions: 22 dia.
× 80 mm
0.5-m cable
V600-H51 (2 m)
2-m cable
V600-H51 (5 m)
5-m cable
V600-H51 (10 m)
10-m cable
V600-H52 (0.5 m)
Dimensions: 22 dia.
× 85 mm
0.5-m cable
V600-H52 (2 m)
2-m cable
V600-H52 (5 m)
5-m cable
V600-H52 (10 m)
10-m cable
Separate-amplifier
type
Amplifier
section
V600-HA51 (2 m)
73.8
× 22.6 × 36.5 mm, with 2-m cable
V600-HA51 (5 m)
73.8
× 22.6 × 36.5 mm, with 5-m cable
V600-HA51 (10 m)
73.8
× 22.6 × 36.5 mm, with 10-m cable
Sensor
section
V600-HS51
12 dia.
× 35 mm deep, with 2-m cable
V600-HS61
30.5
× 18 × 10 mm, with a 2-m cable
Item
Model
Specifications/Design
DC Power Supply
V600-CA5D02
24 VDC
Two R/W Head channels
105
× 90 × 65 mm
Host RS-232C, RS-422,
and RS-485 interfaces
V600-CD1D-V3
24 VDC
Single R/W Head connect-
able
115
× 68 × 80 mm
RS-232C host interface
V600-CM1D
24-VDC, 5-VDC 2-system
input
Single R/W Head connect-
able
Board type
DC Power Supply
V600-IDSC02
24 VDC
RS-232C interface
Two R/W Heads connect-
able
V600-IDSC04
Four R/W Heads connect-
able
POWER
POWER
DC24V
DC24V
INPUT
INPUT
MAON
MAON
No.
No.
X10
X10
HEAD1
HEAD1
HEAD2
HEAD2
OUT
OUT
IN
IN
1
2
3
4
5
1
2
3
TEST
TEST
ON
ON
POWER
POWER
DC24V
DC24V
INPUT
INPUT
MAON
MAON
No.
No.
X10
X10
HEAD1
HEAD1
HEAD2
HEAD2
HEAD1
HEAD1
HEAD2
HEAD2
MAON
MAON
No.
No.
X10
X10
OUT
OUT
IN
IN
1
2
3
4
5
1
2
3
TEST
TEST
ON
ON
TEST
TEST
ON
ON
Q124-E1-03.fm Page 2 Tuesday, May 30, 2006 5:22 PM


Similar Part No. - V600-D23P61

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V600-D23P61 OMRON-V600-D23P61 Datasheet
3Mb / 34P
   Non-contact Data Communications System
V600-D23P61 OMRON-V600-D23P61 Datasheet
1Mb / 15P
   Innovative RFID Electronic Flags to Replace Mechanical Flag and Kanban Systems
More results

Similar Description - V600-D23P61

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V600 OMRON-V600 Datasheet
3Mb / 34P
   Non-contact Data Communications System
XW2Z-500P OMRON-XW2Z-500P Datasheet
3Mb / 32P
   Non-contact Data Communications System
logo
Infineon Technologies A...
SAB82525N INFINEON-SAB82525N Datasheet
730Kb / 126P
   Data Communications ICs
10.94
logo
Dialog Semiconductor
SLG46110 DIALOG-SLG46110 Datasheet
837Kb / 82P
   Data Communications Equipment
logo
Hittite Microwave Corpo...
HMC6000LP711E HITTITE-HMC6000LP711E Datasheet
1Mb / 18P
   Multi-Gbps Data Communications
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
   HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
Allen-Bradley
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com