Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR1632 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # CR1632
Description  INDUSTRIAL SOLUTIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CR1632 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  CR1632 Datasheet HTML 1Page - Panasonic Semiconductor CR1632 Datasheet HTML 2Page - Panasonic Semiconductor CR1632 Datasheet HTML 3Page - Panasonic Semiconductor CR1632 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AUGUST 2005
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications
are subject to modification without notice. Contact Panasonic for the latest information.
■ Dimensions(mm)
Weight:0.8g
■ Specification
BR1225
■ Operating voltage vs. load resistance (voltage at 50% discharge depth)
■ Capacity vs. load resistance
Duration(h)
Load
60˚C
20˚C
3.2
3.0
2.8
2.6
0.3 0.4
0.6
1
0.1
0.2
-10˚C
~
~
46
8 10
23
0.3
0.5
1
20
5
10
2
3
2.4
2.2
80˚C
Load
Cut-off voltage:2.0V
60
50
40
30
20
10
0
(k
)
(mA)
Load:
0.5
0.3
0.2
0.1
0.05
0.03
4
5
6
8
10
20
30
40 50
60
80 100
-10˚C
0˚C
20˚C
45˚C
60˚C
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
48
0.03
-30 ~ +80
■ Temperature Characteristics
BR1220
10
Duration (h)
Load: 30k
Ω (90µA)
0
100
200
150
250
400
450
300
350
50
3.0
2.5
2.0
20˚C
60˚C
-10˚C
~
~
Load:
20
10
5
3
2
1
0.5
0.3
0.1
0.2
0.3 0.4
0.6
1
2
3
4
6
8 10
3.2
3.0
2.8
2.6
2.4
2.2
60˚C
20˚C
-10˚C
~
~
■ Capacity vs. load resistance
30
20
10
40
68
10
2
4
40
60 80
0.03
0.05
0.3
0.5
0.1
0.2
1
0
60˚C
20˚C
-10˚C
20
100
Load
Cut-off voltage
■ Dimensions(mm)
■ Specification
■ Temperature Characteristics
■ Operating voltage vs. load resistance(voltage at 50% discharge depth)
Weight:0.7g
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
3
35
0.03
-30 ~ +80
Poly-carbonmonofluoride Lithium Coin Batteries: Individual Specifications


Similar Part No. - CR1632

ManufacturerPart #DatasheetDescription
logo
Energizer
CR1632 ENERGIZER-CR1632 Datasheet
52Kb / 1P
   3.0 Volts 1.8 grams (0.06 oz.) 0.5 cubic centimeters (0.03 cubic inch) 130 mAh to 2.0 volts
logo
Panasonic Semiconductor
CR1632 PANASONIC-CR1632 Datasheet
185Kb / 6P
   Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
CR1632 PANASONIC-CR1632 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Battery Group
CR1632 PANASONICBATTERY-CR1632 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1632 PANASONICBATTERY-CR1632 Datasheet
663Kb / 6P
   LITHIUM - Coin Type
AUGUST 2005
More results

Similar Description - CR1632

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Intel Corporation
SCS110K INTEL-SCS110K Datasheet
415Kb / 5P
   Intel Industrial Solutions System Consolidation Series
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Freescale Semiconductor...
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
logo
Bright View Electronic ...
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
   LED solutions
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com