Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42227-0013 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42227-0013
Description  KK짰 254 Breakaway Header, Vertical, with Friction Lock, 13 Circuits, Tin (Sn) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42227-0013 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42227-0013 Datasheet HTML 1Page - Molex Electronics Ltd. 42227-0013 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42227-0013
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42227-001
This document was generated on 02/25/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42227-0013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42227-0013 MOLEX2-42227-0013 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 13 Circuits, Tin (Sn) Plating
More results

Similar Description - 42227-0013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022280130 MOLEX1-0022280130_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 13 Circuits, Tin Sn Plating
22-28-1130 MOLEX11-22-28-1130 Datasheet
54Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle with Friction Lock, 13 Circuits, Tin (Sn) Plating
22-28-0160 MOLEX11-22-28-0160 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 16 Circuits, Tin (Sn) Plating
22-28-0170 MOLEX11-22-28-0170 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 17 Circuits, Tin (Sn) Plating
22-28-0180 MOLEX11-22-28-0180 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 18 Circuits, Tin (Sn) Plating
22-28-0300 MOLEX11-22-28-0300 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 30 Circuits, Tin (Sn) Plating
22-28-0050 MOLEX11-22-28-0050 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 5 Circuits, Tin (Sn) Plating
22-28-0080 MOLEX11-22-28-0080 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 8 Circuits, Tin (Sn) Plating
22-28-0100 MOLEX11-22-28-0100 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 10 Circuits, Tin (Sn) Plating
22-28-0060 MOLEX11-22-28-0060 Datasheet
74Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Friction Lock, 6 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com