Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26CIM5 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM26CIM5
Description  LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM26CIM5 Datasheet(HTML) 5 Page - Texas Instruments

  LM26CIM5 Datasheet HTML 1Page - Texas Instruments LM26CIM5 Datasheet HTML 2Page - Texas Instruments LM26CIM5 Datasheet HTML 3Page - Texas Instruments LM26CIM5 Datasheet HTML 4Page - Texas Instruments LM26CIM5 Datasheet HTML 5Page - Texas Instruments LM26CIM5 Datasheet HTML 6Page - Texas Instruments LM26CIM5 Datasheet HTML 7Page - Texas Instruments LM26CIM5 Datasheet HTML 8Page - Texas Instruments LM26CIM5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM26
www.ti.com
SNIS115R – MAY 2001 – REVISED FEBRUARY 2013
Part Number Template
The series of digits labeled xyz in the part number LM26CIM-xyz, describe the set point value and the function of
the output as follows:
The place holders xy describe the set point temperature as shown in the following table.
x (10x)
y (1x)
Temperature (°C)
A
-
−5
B
-
−4
C
-
−3
D
-
−2
E
-
−1
F
-
−0
H
H
0
J
J
1
K
K
2
L
L
3
N
N
4
P
P
5
R
R
6
S
S
7
T
T
8
V
V
9
X
-
10
Y
-
11
Z
-
12
The value of z describes the assignment/function of the output as shown in the following table:
Open-Drain/ Push-
Active-Low/High
OS/US
Value of z
Digital Output Function
Pull
0
0
0
A
Active-Low, Open-Drain, OS output
0
0
1
B
Active-Low, Open-Drain, US output
1
1
0
C
Active-High, Push-Pull, OS output
1
1
1
D
Active-High, Push-Pull, US output
For example:
the part number LM26CIM5-TPA has TOS = 85°C, and programmed as an active-low open-drain
overtemperature shutdown output.
the part number LM26CIM5-FPD has TUS = −5°C, and programmed as an active-high, push-pull
undertemperature shutdown output.
Active-high open-drain and active-low push-pull options are available, please contact Texas Instruments for more
information.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM26


Similar Part No. - LM26CIM5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26CIM5-BPB TI1-LM26CIM5-BPB Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5-BPB/NOPB TI-LM26CIM5-BPB/NOPB Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
LM26CIM5-DPB TI1-LM26CIM5-DPB Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5-DPB/NOPB TI-LM26CIM5-DPB/NOPB Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
logo
National Semiconductor ...
LM26CIM5-HHD NSC-LM26CIM5-HHD Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
More results

Similar Description - LM26CIM5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
[Old version datasheet]   LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
   SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM26NV TI-LM26NV_15 Datasheet
739Kb / 17P
[Old version datasheet]   LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
National Semiconductor ...
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
   SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM26 TI-LM26_15 Datasheet
950Kb / 24P
[Old version datasheet]   Accurate, Factory-Preset Thermostat
LM27 TI-LM27_15 Datasheet
981Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
   Accurate, Factory Preset Thermostat
logo
Texas Instruments
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
[Old version datasheet]   LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM27 NSC-LM27 Datasheet
204Kb / 9P
   SOT-23, 3 Degree Celcious Accurate, 120-150 Degree Celcious Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com