Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5308061 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5308061
Description  Bending light the easy way
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5308061 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5308061 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5308061 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5308061 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5308061 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5308061 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5308061 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5308061 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5308061 Datasheet HTML 8Page - List of Unclassifed Manufacturers 5308061 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
529
SENSICK CATALOGUE
WLL 160(T)
WLL 160
with LL 3 fibre-optic cable, plastic
s
manual sensitivity adjustment,
s
pre-failure signalling output
and test input,
s
timer 0 to 100 ms,
s
light-/dark-switching.
WLL 160T
with LL 3 fibre-optic cable, plastic
s
teach-in sensitivity adjustment, via button
on device or externally via control signal,
s
switching frequency 830/s or 1,600/s,
switch-selectable,
s
timer.
WLL 170(T)
WLL 170
with LL 3 fibre-optic cable, plastic
s
manual sensitivity adjustment,
s
red light LED sender,
s
large scanning ranges,
s
timer and L.ON-/D.ON selector.
WLL 170 high-speed
with LL 3 fibre-optic cable, plastic
s
high-speed 10,000/s,
s
red light LED sender,
s
timer and L.ON-/D.ON selector.
WLL 170 analogue
with LL 3 fibre-optic cable, plastic
s
analogue output voltage 1 to 5 V,
s
red light LED sender,
s
variable gain.
WLL 170T
with LL 3 fibre-optic cable, plastic
s
teach-in sensitivity adjustment via
button on device,
s
large scanning ranges,
s
red light LED sender,
s
optional: anti-interference.
WLL 170T mark sensor
with LL 3 fibre-optic cable, plastic
s
teach-in sensitivity adjustment
via button on device,
s
green light LED sender,
s
optional: anti-interference.
WLL 12
with LL 3, LT, LM fibre-optic cable
s
red, infrared or green light LED sender,
s
complementary switching outputs,
selectable via control cable,
s
switching frequency: 1,300/s.
WLL 24 Exi
with LL 3 fibre-optic cable (l 2.2 mm)
s
explosion protection E Ex ia IIC T6,
s
switching outputs to NAMUR EN 50 277,
s
terminal chamber or M 12 plug.
WLL 260
WLL 260 DC
with LBS, LIS fibre-optic cable
s
direct voltage supply,
s
terminal chamber or M 12 plug,
s
test input.
WLL 260 UC
with LBS, LIS fibre-optic cable
s
universal voltage supply,relay
switching output,
s
terminal chamber.
KTL 5G-2
with LBS, LIS fibre-optic cable
s
green light LED sender,
s
switching frequency 10,000/s.
LUT
LUT 3-820
with LLUV 8 fibre-optic cable
s
UV light source,
s
supplementary optical filter.
LUT 1-4
with LLUV 5 fibre-optic cable
s
UV light source with high-pressure
mercury-vapour burner,
s
supplementary optical filter.
CSL
with LBS, LIS fibre-optic cable
s
teach-in,
s
adjustable colour selectivity.
Which fibre-optic cable fits which sensor?
Fibre-optic systems


Similar Part No. - 5308061

ManufacturerPart #DatasheetDescription
logo
SICK AG
5308061 SICK-5308061 Datasheet
198Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 5308061

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-13114 SPARKFUN-TOL-13114 Datasheet
95Kb / 1P
   Resistor Lead Bending Tool
9/29/2015
logo
STMicroelectronics
EV-VNH5050A STMICROELECTRONICS-EV-VNH5050A Datasheet
245Kb / 12P
   EV-VNH5050A provides you an easy way
February 2014 Rev 3
EV-VNH5180A STMICROELECTRONICS-EV-VNH5180A Datasheet
244Kb / 12P
   EV-VNH5180A provides you an easy way
logo
Vishay Siliconix
60030 VISHAY-60030 Datasheet
174Kb / 2P
   Low Profile Bending Beam
Revision 07-Jun-04
logo
Maxim Integrated Produc...
MAX31328SHLD MAXIM-MAX31328SHLD Datasheet
857Kb / 11P
   Easy Evaluation of the MAX31328
319-100667; Rev 0; 12/20
MAX35104EVKIT MAXIM-MAX35104EVKIT Datasheet
1Mb / 21P
   Easy Evaluation of the MAX35104
Rev 0; 10/16
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
   Easy Evaluation of the MAX34409
Rev 0; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com