Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MAGX-000035-01000X Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part No. MAGX-000035-01000X
Description  GaN on SiC HEMT Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MA-COM [M/A-COM Technology Solutions, Inc.]
Homepage  http://www.macomtech.com
Logo 

MAGX-000035-01000X Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GaN on SiC HEMT Power Transistor
10W CW, 30 MHz - 3.5 GHz
Rev. V3
MAGX-000035-010000
MAGX-000035-01000S
3
3
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
3
Electrical Specifications: TA = 25 ºC
Test Fixture Impedance
Freq. (MHz)
ZIN-OPT (Ω)
ZOUT-OPT (Ω)
1300
3.6 + j6.9
38.3 + j20.5
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Units
RF FUNCTIONAL TESTS
CW Output Power (P2dB)
1.3 GHz
VDD = 50 V, IDQ = 25 mA, PIN = 0.3 W
POUT
10
11
-
W
Power Gain (P2dB) 1.3 GHz
VDD = 50 V, IDQ = 25 mA
GP
18
19
dB
Drain Efficiency @ 1.3 GHz
VDD = 50 V, IDQ = 25 mA, POUT = 10 W
ηD
45
%
Load Mismatch Stability
VDD = 50 V, IDQ = 25 mA, PIN = 0.3 W
VSWR-S
5:1
-
-
-
Load Mismatch Tolerance
VDD = 50 V, IDQ = 25 mA, PIN = 0.3 W
VSWR-T
10:1
-
-
-


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn