Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5308067 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 5308067
Description  Bending light the easy way
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5308067 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 5308067 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5308067 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5308067 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5308067 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5308067 Datasheet HTML 8Page - List of Unclassifed Manufacturers 5308067 Datasheet HTML 9Page - List of Unclassifed Manufacturers 5308067 Datasheet HTML 10Page - List of Unclassifed Manufacturers 5308067 Datasheet HTML 11Page - List of Unclassifed Manufacturers 5308067 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
537
LL 3 Proximity systems
SENSICK CATALOGUE
ø 0.26x16 Receiver
5
5
15
10000
10
ø 1 Sender
ø 2.5
2)
1)
ø 2.2x2
M6x0.75
Distance X (mm)
80
100
60
40
20
4
2
0
-2
-4
-6
-8
6
LL3-DB01-10
8
WLL 170T: LED red
X
510
X
2
1
0
-1
-2
-3
-4
ø 0.015 mm
ø 0.45 mm
ø 0.008 mm
Distance X (mm)
ø 0.025 mm
4
3
LL3-DB01-10
15
WLL 170T: LED red
ø
fine copper wire
ø 0.25x9 Receiver
M3x0.5
ø 1.3x2
2)
1)
5
13
18
2000
ø 0.5 Sender
WLL 170T: LED red
LL3-DB01-10
Scanning distance (mm)
Operating level
1
050
100
10
Distance X (mm)
10
40
50
8
6
4
2
0
-2
-4
-6
-8
LL3-DT01
WLL 170T: LED red
30
20
X
ø 0.025 mm
4
3
2
1
0
-1
-2
-3
-4
WLL 170T: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
10
5
X
fine copper wire
15
LL3-DT01
LL3-DT01
Operating level
10
1
020
10
40
60
50
30
Scanning distance (mm)
100
WLL 170: LED red
WLL 170T: LED red
Material: Core: PMMA, Sheath: PE;
Sleeve: 1.4305 (German materials no.)
Stainless steel, resistant to rusting and acids
Material: Core: PMMA, Sheath: PE;
Sleeve: 1.4305 (German materials no.)
Stainless steel, resistant to rusting and acids
1) Sender
2) Receiver
1) Sender
2) Receiver
Distance X (mm)
80
100
60
40
20
4
2
0
-2
-4
-6
-8
6
LL3-DB01-10
8
WLL 170: LED red
X
510
X
2
1
0
-1
-2
-3
-4
ø 0.015 mm
ø 0.45 mm
ø 0.008 mm
Distance X (mm)
ø 0.025 mm
4
3
LL3-DB01-10
15
WLL 170: LED red
ø
fine copper wire
Distance X (mm)
10
40
50
8
6
4
2
0
-2
-4
-6
-8
LL3-DT01
WLL 170: LED red
30
20
X
ø 0.025 mm
4
3
2
1
0
-1
-2
-3
-4
WLL 170: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
10
5
X
fine copper wire
15
LL3-DT01
M4x0.7
ø 0.5 Sender
ø 0.25x9 Receiver
2000
12
3
ø 1.3x2
ø 8.5
10
40
50
8
6
4
2
0
-2
-4
-6
-8
LL3-DM02
WLL 170T: LED red
Distance X (mm)
30
20
X
ø 0.025 mm
4
3
2
1
0
-1
-2
-3
-4
WLL 170T: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
10
5
X
fine copper wire
15
LL3-DM02
5,2
12
2000
ø 2.2x2
ø 0.265x16
ø 0.265x16
M6x0.75
LL3-DM02
Operating level
10
1
0
10203040
5060
Scanning distance (mm)
100
WLL 170: LED red
WLL 170T: LED red
40
30
20
10
0
-10
-20
-30
-40
Distance X (mm)
40
160
200
LL3-DR01
WLL 170T: LED red
120
80
X
ø 0.025 mm
6
4.5
3
1.5
0
-1.5
-3
-4.5
-6
WLL 170T: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
15
7.5
X
fine copper wire
22.5
LL3-DR01
LL3-DR01
Operating level
10
1
050
100
Scanning distance (mm)
100
WLL 170: LED red
WLL 170T: LED red
Material: Core: PMMA, Sheath: PE;
Sleeve: 1.4305 (German materials no.)
Stainless steel, resistant to rusting and acids
Material: Core: PMMA, Sheath: PE;
Sleeve: 1.4305 (German materials no.)
Stainless steel, resistant to rusting and acids
10
40
50
8
6
4
2
0
-2
-4
-6
-8
LL3-DM02
WLL 170: LED red
Distance X (mm)
30
20
X
ø 0.025 mm
4
3
2
1
0
-1
-2
-3
-4
WLL 170: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
10
5
X
fine copper wire
15
LL3-DM02
40
30
20
10
0
-10
-20
-30
-40
Distance X (mm)
40
160
200
LL3-DR01
WLL 170: LED red
120
80
X
ø 0.025 mm
6
4.5
3
1.5
0
-1.5
-3
-4.5
-6
WLL 170: LED red
ø 0.08 mm
ø 0.45 mm
ø 0.015 mm
Distance X (mm)
15
7.5
X
fine copper wire
22.5
LL3-DR01
Dimensional drawings and characteristic curves (WLL 170/T) for LL 3 fibre-optic cables – proximity systems
Order information
Type
Part no.
LL 3-DB01-10
5 308 075
Order information
Type
Part no.
LL 3-DM02
5 308 077
Order information
Type
Part no.
LL 3-DR01
5 308 078
Order information
Type
Part no.
LL 3-DT01
5 308 076


Similar Part No. - 5308067

ManufacturerPart #DatasheetDescription
logo
SICK AG
5308067 SICK-5308067 Datasheet
209Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 5308067

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-13114 SPARKFUN-TOL-13114 Datasheet
95Kb / 1P
   Resistor Lead Bending Tool
9/29/2015
logo
STMicroelectronics
EV-VNH5050A STMICROELECTRONICS-EV-VNH5050A Datasheet
245Kb / 12P
   EV-VNH5050A provides you an easy way
February 2014 Rev 3
EV-VNH5180A STMICROELECTRONICS-EV-VNH5180A Datasheet
244Kb / 12P
   EV-VNH5180A provides you an easy way
logo
Vishay Siliconix
60030 VISHAY-60030 Datasheet
174Kb / 2P
   Low Profile Bending Beam
Revision 07-Jun-04
logo
Maxim Integrated Produc...
MAX31328SHLD MAXIM-MAX31328SHLD Datasheet
857Kb / 11P
   Easy Evaluation of the MAX31328
319-100667; Rev 0; 12/20
MAX35104EVKIT MAXIM-MAX35104EVKIT Datasheet
1Mb / 21P
   Easy Evaluation of the MAX35104
Rev 0; 10/16
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
   Easy Evaluation of the MAX34409
Rev 0; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com