Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10SHS Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # D10SHS
Description  Glass Fibre-optic Specifications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D10SHS Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button D10SHS Datasheet HTML 5Page - List of Unclassifed Manufacturers D10SHS Datasheet HTML 6Page - List of Unclassifed Manufacturers D10SHS Datasheet HTML 7Page - List of Unclassifed Manufacturers D10SHS Datasheet HTML 8Page - List of Unclassifed Manufacturers D10SHS Datasheet HTML 9Page - List of Unclassifed Manufacturers D10SHS Datasheet HTML 10Page - List of Unclassifed Manufacturers D10SHS Datasheet HTML 11Page - List of Unclassifed Manufacturers D10SHS Datasheet HTML 12Page - List of Unclassifed Manufacturers D10SHS Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
34
Fibre-optic Selection Guide
D10 Expert Series Sensors
Advanced fibre-optic sensors for use with plastic
fibres.
• Easy-to-set automatic Expert-style TEACH
options* including static, dynamic, and single
point programming plus manual adjustment for
fine-tuning
• 16-bit micro-controller and 12-bit analogue-to-
digital converter for high performance, low
contrast sensing
• Easy-to-read 4-digit display for programming and
signal strength readout, plus indicators for a
continuous readout of operating status (user
configurable)
• Four-mode power and speed selection with
automatic cross-talk avoidance circuitry
• Selectable OFF-delay options
• Gate input wire can be used to selectively inhibit
sensor outputs from switching
• Models available with visible red (680 nm) or
visible green (525 nm) sensing beam
• Sleek, ultra-slim 10 mm housing, mounts to a
standard 35 mm DIN rail
LED diagnostics.
Indicator LEDs keep you constantly informed of the
output status of the D10 sensors. A separate,
domed LED for each channel lights yellow when the
output is conducting.
Two independently configurable outputs.
For the ultimate in versatility, the D10 Expert has
two independent output channels, each with its own
individually configurable set-point. This allows you
to solve multiple applications with a single sensor.
Two discrete outputs, both are either
NPN (sinking) or PNP (sourcing),
depending on the model.
Analogue and discrete output models
have one discrete output (either NPN or
PNP), plus a 4-20 mA current analogue
output or a 0-10V dc voltage analogue
output, depending on the model.
Pre-wired or quick-disconnect wiring, 12 to
24V dc.**
The D10 has the wiring choices you need. Models
are available with an integral, 2 m or 9 m pre-wired
cable or quick-disconnect connection (8 mm) for
plug-and-play convenience and interchangeability.
Four different response speeds.
The D10 sensor has four different response speeds.
The maximum sensing distance depends upon the
response speed settings. The icons shown on top
of the pages with the range charts reflect the four
different power settings.
D10 Expert Series Sensors
* U.S. Patent #5,808,296
** 15 to 24V dc for 0-10V dc analogue models
D10SHP
D10HP
D10HS
D10SHS
Super High
Power
High Power
High Speed
Super High
Speed
2,5 ms
1 ms
200 µs
50 µs


Similar Part No. - D10SHS

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
D10S FCI-D10S Datasheet
125Kb / 2P
   0.8 Amp Glass Passivated Single Phase Silicon Bridge
logo
Zibo Seno Electronic En...
D10SB05 ZSELEC-D10SB05 Datasheet
99Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
D10SB10 SSE-D10SB10 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D10SB10 LRC-D10SB10 Datasheet
60Kb / 2P
   10A(SIP) BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
D10SB10 SECOS-D10SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results

Similar Description - D10SHS

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1362950000 WEIDMULLER-1362950000 Datasheet
147Kb / 4P
   Serial/fibre-optic converter
1344760000 WEIDMULLER-1344760000 Datasheet
147Kb / 4P
   Serial/fibre-optic converter
logo
List of Unclassifed Man...
FGT01SCM060 ETC2-FGT01SCM060 Datasheet
46Kb / 2P
   Photoelectrics Fibre Optics, Glass
logo
Faraday Technology
PI-005 FARADAY-PI-005 Datasheet
50Kb / 3P
   10 BIT VIDEO TO FIBRE OPTIC TRANSMITTER
logo
Pepperl+Fuchs Inc.
FE-BTS6M-3 PF-FE-BTS6M-3 Datasheet
449Kb / 3P
   Glass fiber optic
FE-BTSAS6S-3 PF-FE-BTSAS6S-3 Datasheet
460Kb / 3P
   Glass fiber optic
FE-BNSRA5S-3 PF-FE-BNSRA5S-3 Datasheet
444Kb / 3P
   Glass fiber optic
FE-BTS6S-3 PF-FE-BTS6S-3 Datasheet
550Kb / 3P
   Glass fiber optic
logo
List of Unclassifed Man...
KA02 ETC2-KA02 Datasheet
97Kb / 1P
   FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR
logo
Agilent(Hewlett-Packard...
HFBR-53A3VEM HP-HFBR-53A3VEM Datasheet
309Kb / 14P
   3.3 V 1 x 9 Fiber Optic Transceivers for Fibre Channel for Fibre Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com