Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5257165B Datasheet(PDF) 59 Page - Elpida Memory

Part # HM5257165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword16-bit4-bank/16-Mword8-bit4-bank /32-Mword4-bit4-bank PC/133, PC/100 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5257165B Datasheet(HTML) 59 Page - Elpida Memory

Back Button HM5257165B Datasheet HTML 54Page - Elpida Memory HM5257165B Datasheet HTML 55Page - Elpida Memory HM5257165B Datasheet HTML 56Page - Elpida Memory HM5257165B Datasheet HTML 57Page - Elpida Memory HM5257165B Datasheet HTML 58Page - Elpida Memory HM5257165B Datasheet HTML 59Page - Elpida Memory HM5257165B Datasheet HTML 60Page - Elpida Memory HM5257165B Datasheet HTML 61Page - Elpida Memory HM5257165B Datasheet HTML 62Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
HM5257165B/HM5257805B/HM5257405B-75/A6
Data Sheet E0081H10
59
Clock Suspend Mode
012
3
4
5
6
7
8
9
1011
1213
141516
171819
20
R:a
C:a
R:b
a
a+1 a+2
a+3
b
b+1 b+2
R:a
C:a R:b
C:b
a
a+1 a+2
b
b+1 b+2 b+3
C:b
Bank0
Active
Active clock
suspend start
Active clock
supend end
Bank0
Read
Bank3
Active
Read suspend
start
Read suspend
end
Bank0
Precharge
Bank3
Read
Earliest Bank3
Precharge
Bank0
Write
Bank0
Active
Active clock
suspend start
Active clock
suspend end
Bank3
Active
Write suspend
start
Write suspend
end
Bank3
Write
Bank0
Precharge
Earliest Bank3
Precharge
b+3
CKE
RAS
CS
CAS
WE
Address
DQM,
DQMU/DQML
CLK
BS
CKE
RAS
CS
CAS
WE
Address
DQM,
DQMU/DQML
BS
a+3
High-Z
High-Z
;
tCES
tCEH
tCES
Read cycle
RAS-CAS delay = 2
CAS latency = 2
Burst length = 4
= V
or V
IH
IL
Write cycle
RAS-CAS delay = 2
CAS latency = 2
Burst length = 4
= V
or V
IH
IL
DQ (output)
DQ (input)
DQ (output)
DQ (input)


Similar Part No. - HM5257165B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5257 HMSEMI-HM5257 Datasheet
348Kb / 3P
   Apple iPhone6S data line IC
More results

Similar Description - HM5257165B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com