Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5257165B Datasheet(PDF) 57 Page - Elpida Memory

Part # HM5257165B
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword16-bit4-bank/16-Mword8-bit4-bank /32-Mword4-bit4-bank PC/133, PC/100 SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5257165B Datasheet(HTML) 57 Page - Elpida Memory

Back Button HM5257165B Datasheet HTML 53Page - Elpida Memory HM5257165B Datasheet HTML 54Page - Elpida Memory HM5257165B Datasheet HTML 55Page - Elpida Memory HM5257165B Datasheet HTML 56Page - Elpida Memory HM5257165B Datasheet HTML 57Page - Elpida Memory HM5257165B Datasheet HTML 58Page - Elpida Memory HM5257165B Datasheet HTML 59Page - Elpida Memory HM5257165B Datasheet HTML 60Page - Elpida Memory HM5257165B Datasheet HTML 61Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 62 page
background image
HM5257165B/HM5257805B/HM5257405B-75/A6
Data Sheet E0081H10
57
Read/Burst Write Cycle
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
R:a
C:a
R:b
C:a'
R:a
C:a
C:a
a
a+1 a+2 a+3
a+1
a
a+1 a+2 a+3
Bank 0
Active
Bank 0
Read
Bank 0
Write
Bank 0
Precharge
R:b
Bank 3
Active
CKE
RAS
CS
CAS
WE
Address
DQM,
DQMU/DQML
CLK
BS
CKE
RAS
CS
CAS
WE
Address
DQM,
DQMU/DQML
BS
a+1 a+2 a+3
a
a+3
a
Bank 0
Active
Bank 0
Read
Bank 3
Active
Clock
suspend
Bank 0
Write
Bank 0
Precharge
Bank 3
Precharge
VIH
Read/Burst write
RAS-CAS delay = 3
CAS latency = 3
Burst length = 4
= V
or V
IH
IL
DQ (input)
DQ (output)
DQ (input)
DQ (output)


Similar Part No. - HM5257165B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5257 HMSEMI-HM5257 Datasheet
348Kb / 3P
   Apple iPhone6S data line IC
More results

Similar Description - HM5257165B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com