Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9110IRTNZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9110IRTNZ
Description  1.2A High Efficiency Buck-Boost Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9110IRTNZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9110IRTNZ Datasheet HTML 2Page - Intersil Corporation ISL9110IRTNZ Datasheet HTML 3Page - Intersil Corporation ISL9110IRTNZ Datasheet HTML 4Page - Intersil Corporation ISL9110IRTNZ Datasheet HTML 5Page - Intersil Corporation ISL9110IRTNZ Datasheet HTML 6Page - Intersil Corporation ISL9110IRTNZ Datasheet HTML 7Page - Intersil Corporation ISL9110IRTNZ Datasheet HTML 8Page - Intersil Corporation ISL9110IRTNZ Datasheet HTML 9Page - Intersil Corporation ISL9110IRTNZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ISL9110, ISL9112
6
FN7649.2
July 13, 2012
DC/DC SWITCHING SPECIFICATIONS
fSW
Oscillator Frequency
2.25
2.50
2.75
MHz
tONMIN
Minimum On Time
80
ns
IPFETLEAK
LX1 Pin Leakage Current
-1
1
µA
INFETLEAK
LX2 Pin Leakage Current
-1
1
µA
SOFT-START and SOFT DISCHARGE
tSS
Soft-start Time
Time from when EN signal asserts to when output
voltage ramp starts.
1ms
Time from when output voltage ramp starts to
when output voltage reaches 95% of its nominal
value with device operating in buck mode.
VIN = 4V, VOUT = 3.3V, IO = 200mA
1ms
Time from when output voltage ramp starts to
when output voltage reaches 95% of its nominal
value with device operating in boost mode.
VIN = 2V, VOUT = 3.3V, IO = 200mA
2ms
RDISCHG VOUT Soft-Discharge ON-Resistance
VIN = 3.6V, EN < VIL
120
Ω
POWER MOSFET
RDSON_P P-Channel MOSFET ON-Resistance
VIN = 3.6V, IO = 200mA
0.12
0.17
Ω
VIN = 2.5V, IO = 200mA
0.15
0.23
Ω
RDSON_N N-Channel MOSFET ON-Resistance
VIN = 3.6V, IO = 200mA
0.10
0.15
Ω
VIN = 2.5V, IO = 200mA
0.13
0.23
Ω
IPK_LMT
P-Channel MOSFET Peak Current Limit
VIN = 3.6V
2.0
2.4
2.8
A
PFM/PWM TRANSITION
Load Current Threshold, PFM to PWM
VIN = 3.6V, VOUT = 3.3V
200
mA
Load Current Threshold, PWM to PFM
VIN = 3.6V, VOUT = 3.3V
75
mA
External Synchronization Frequency Range
2.75
3.25
MHz
Thermal Shutdown
155
°C
Thermal Shutdown Hysteresis
30
°C
BATTERY MONITOR AND POWER GOOD COMPARATORS
VTBMON
Battery Monitor Voltage Threshold
1.85
2.0
2.15
V
VHBMON
Battery Monitor Voltage Hysteresis
100
mV
tBMON
Battery Monitor Debounce Time
25
µs
PG Delay Time (Rising)
1ms
PG Delay Time (Falling)
20
µs
Minimum Supply Voltage for Valid PG Signal EN = VIN
1.2
V
PGRNGLR PG Range - Lower (Rising)
Percentage of programmed voltage
90
%
PGRNGLF PG Range - Lower (Falling)
Percentage of programmed voltage
87
%
PGRNGUR PG Range - Upper (Rising)
Percentage of programmed voltage
112
%
PGRNGUF PG Range - Upper (Falling)
Percentage of programmed voltage
110
%
Compliance Voltage - PG, BAT
VIN = 3.6V, ISINK = 1mA
0.3
V
Analog Specifications VVIN = VPVIN = VEN = 3.6V, VOUT = 3.3V, L1 = 2.2µH, C1 = C2 = 10µF, TA = +25°C. Boldface limits apply over the
operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
(Note 9)
MAX
(Note 8)
UNITS


Similar Part No. - ISL9110IRTNZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9110IRTNZ INTERSIL-ISL9110IRTNZ Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
ISL9110IRTNZ INTERSIL-ISL9110IRTNZ Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
logo
Renesas Technology Corp
ISL9110IRTNZ RENESAS-ISL9110IRTNZ Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
More results

Similar Description - ISL9110IRTNZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
logo
Intersil Corporation
ISL9110IRT7Z-T7A INTERSIL-ISL9110IRT7Z-T7A Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Cyntec Co., Ltd.
VPN12AD02-FU CYNTEC-VPN12AD02-FU Datasheet
3Mb / 22P
   Buck-Boost, High Efficiency POL Module
logo
Renesas Technology Corp
ISL8011 RENESAS-ISL8011 Datasheet
620Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8011 INTERSIL-ISL8011 Datasheet
303Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com