Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-T690WDT-NWA Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T690WDT-NWA
Description  SURFACE MOUNT DEVICE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T690WDT-NWA Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  L-T690WDT-NWA Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. L-T690WDT-NWA Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. L-T690WDT-NWA Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. L-T690WDT-NWA Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. L-T690WDT-NWA Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. L-T690WDT-NWA Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-T690WDT-NWA Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-T690WDT-NWA Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-T690WDT-NWA Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-T690WDT-NWA
REV: A / 2
l Chip Materials
Û
Dice Material : InGaN
Û
Light Color : Netural White
Û
Lens Color : Light Yellow Diffused.
l Absolute Maximum Ratings(Ta=25℃)
Symbol
Parameter
Rating
Unit
PD
Power Dissipation
270
mW
IPF
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
100
mA
IF
Continuous Forward Current
90
mA
VR
Reverse Voltage
5
V
ESD
Electrostatic Discharge Threshold (HBM)
Note A
1000
V
Topr
Operating Temperature Range
-40 ~ + 85
Tstg
Storage Temperature Range
-40 ~ + 100
Note A :
HBM : Human Body Model. Seller gives no other assurances regarding the ability of to
withstand ESD.
l Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Flux
φ
v
18
22
lm
IF=60mA
Viewing Angle
2θ1/2
120
Deg
Note 2
CIE Chromaticity
x
0.3700
CIE Chromaticity
y
0.3700
IF=60mA
Color temperature
CCT
4000
4500
K
Forward Voltage
VF
2.90
3.20
3.40
V
IF = 60mA
Color Rending Index
CRI
70
Ra
IF=60mA
Reverse Voltage
Ir
10
uA
Vf=5V
DRAWING NO. : DS-31P-12-0002
DATE : 2012-5-8
PAGE
3 of 14
PARA-FOR-068
Release
by
PARA LIGHT DCC


Similar Part No. - L-T690WDT-NWA

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
L-T690WDT-CWA-P PARALIGHT-L-T690WDT-CWA-P Datasheet
227Kb / 15P
   SURFACE MOUNT DEVICE LED
More results

Similar Description - L-T690WDT-NWA

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
0603LGCT HB-0603LGCT Datasheet
811Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com