Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HB54A5129F1U Datasheet(PDF) 6 Page - Elpida Memory

Part No. HB54A5129F1U
Description  512MB Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELPIDA [Elpida Memory]
Homepage  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54A5129F1U Datasheet(HTML) 6 Page - Elpida Memory

Back Button HB54A5129F1U Datasheet HTML 2Page - Elpida Memory HB54A5129F1U Datasheet HTML 3Page - Elpida Memory HB54A5129F1U Datasheet HTML 4Page - Elpida Memory HB54A5129F1U Datasheet HTML 5Page - Elpida Memory HB54A5129F1U Datasheet HTML 6Page - Elpida Memory HB54A5129F1U Datasheet HTML 7Page - Elpida Memory HB54A5129F1U Datasheet HTML 8Page - Elpida Memory HB54A5129F1U Datasheet HTML 9Page - Elpida Memory HB54A5129F1U Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HB54A5129F1U-A75B/B75B/10B
Data Sheet E0191H30 (Ver. 3.0)
6
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
28
Minimum row active to row active
delay (tRRD)
0
0
1
1
1
1
0
0
3C
15ns
29
Minimum /RAS to /CAS delay (tRCD)
0
1
0
1
0
0
0
0
50
20ns
30
Minimum active to precharge time
(tRAS)
-A75B/B75B
0
0
1
0
1
1
0
1
2D
45ns
-10B
0
0
1
1
0
0
1
0
32
50ns
31
Module bank density
1
0
0
0
0
0
0
0
80
1 bank
512MB
32
Address and command setup time
before clock (tIS)
-A75B/B75B
1
0
0
1
0
0
0
0
90
0.9ns*
5
-10B
1
0
1
1
0
0
0
0
B0
1.1ns*
5
33
Address and command hold time after
clock (tIH)
-A75B/B75B
1
0
0
1
0
0
0
0
90
0.9ns*
5
-10B
1
0
1
1
0
0
0
0
B0
1.1ns*
5
34
Data input setup time before clock
(tDS)
-A75B/B75B
0
1
0
1
0
0
0
0
50
0.5ns*
5
-10B
0
1
1
0
0
0
0
0
60
0.6ns*
5
35
Data input hold time after clock (tDH)
-A75B/B75B
0
1
0
1
0
0
0
0
50
0.5ns*
5
-10B
0
1
1
0
0
0
0
0
60
0.6ns*
5
36 to 40
Superset information
0
0
0
0
0
0
0
0
00
Future use
41
Active command period (tRC)
-A75B/B75B
0
1
0
0
0
0
0
1
41
65ns*
5
-10B
0
1
0
0
0
1
1
0
46
70ns*
5
42
Auto refresh to active/
Auto refresh command cycle (tRFC)
-A75B/B75B
0
1
0
0
1
0
1
1
4B
75ns*
5
-10B
0
1
0
1
0
0
0
0
50
80ns*
5
43
SDRAM tCK cycle max. (tCK max.)
0
0
1
1
0
0
0
0
30
12ns*
5
44
Dout to DQS skew
-A75B/B75B
0
0
1
1
0
0
1
0
32
500ps*
5
-10B
0
0
1
1
1
1
0
0
3C
600ps*
5
45
Data hold skew (tQHS)
-A75B/B75B
0
1
1
1
0
1
0
1
75
750ps*
5
-10B
1
0
1
0
0
0
0
0
A0
1000ps*
5
46 to 61
Superset information
0
0
0
0
0
0
0
0
00
Future use
62
SPD revision
0
0
0
0
0
0
0
0
00
Initial
63
Checksum for bytes 0 to 62
-A75B
0
0
0
0
0
0
1
1
03
3
-B75B
0
0
1
1
0
0
1
1
33
51
-10B
1
1
1
1
1
0
0
0
F8
248
64
Manufacturer’s JEDEC ID code
0
0
0
0
0
1
1
1
07
HITACHI
65 to 71
Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00
72
Manufacturing location
×
×
×
×
×
×
×
×
××
*
2 (ASCII-8bit
code)
73
Module part number
0
1
0
0
1
0
0
0
48
H
74
Module part number
0
1
0
0
0
0
1
0
42
B
75
Module part number
0
0
1
1
0
1
0
1
35
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn