Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-421E-A Datasheet(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-421E-A
Description  0.4 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-421E-A Datasheet(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-421E-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-421E-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-421E-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-421E-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-421E-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-421E-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-421E-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-421E-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-421E-A Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
0.4
INCH
SINGLE
DIGIT
DISPLAY
C-421E-A B/W
REV:A / 0
— STORAGE
1) The Display should be stored at 30℃ or less and 70% RH or less after being shipped from
PARA and the storage life limits are 3 months.
2) PARA Display lead frames are comprised of a stannum plated iron alloy. The silver surface
may be affected by environments which contain corrosive gases and so on. Please avoid
conditions which may cause the Display to corrode, tarnish or discolor. This corrosion or
discoloration may cause difficulty during soldering operations. It is recommended that the
Display be used as soon as possible.
3) Please avoid rapid transitions in ambient temperature, especially, in high humidity
environments where condensation can occur.
— HEAT GENERATION
1) Thermal design of the end product is of paramount importance. Please consider the heat
generation of the Display when making the system design. The coefficient of temperature
increase per input electric power is affected by the thermal resistance of the circuit board and
density of Display placement on the board, as well as other components. It is necessary to
avoid intense heat generation and operate within the maximum ratings given in this
specification.
2) The operating current should be decided after considering the ambient maximum temperature
of Display .
—OTHERS
1) Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum
rating when using the Display with matrix drive.
2) Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had
Display incorporated into it.
3) The Display described in this brochure are intended to be used for ordinary electronic
equipment (such as office equipment, communications equipment, measurement instruments
and household appliances). Consult PARA
’s sales staff in advance for information on the
applications in which exceptional quality and reliability are required , particularly when the
failure or malfunction of the Display may directly jeopardize life or health (such as for airplanes,
aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control
equipment, life support systems and safety devices).
DRAWING NO. : DS-11-11-0362G
DATE : 2011-11-16
Page :9
Release
by
PARALIGHTDCC


Similar Part No. - C-421E-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-421E ETC1-C-421E Datasheet
94Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-421E-A

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-421UB-A PARALIGHT-A-421UB-A Datasheet
195Kb / 10P
   0.4 INCH SINGLE DIGIT DISPLAY
A-421E PARALIGHT-A-421E Datasheet
209Kb / 11P
   0.4 INCH SINGLE DIGIT DISPLAY
C-421G-EP-L4-A PARALIGHT-C-421G-EP-L4-A Datasheet
348Kb / 20P
   0.4 INCH SINGLE DIGIT DISPLAY
C-421SR-EP-L4-A PARALIGHT-C-421SR-EP-L4-A Datasheet
207Kb / 10P
   0.4 INCH SINGLE DIGIT DISPLAY
C-421UB-EP-A PARALIGHT-C-421UB-EP-A Datasheet
467Kb / 21P
   0.4 INCH SINGLE DIGIT DISPLAY
C-421Y PARALIGHT-C-421Y Datasheet
205Kb / 11P
   0.4 INCH SINGLE DIGIT DISPLAY
A-421G PARALIGHT-A-421G Datasheet
208Kb / 11P
   0.4 INCH SINGLE DIGIT DISPLAY
A-421SR PARALIGHT-A-421SR Datasheet
193Kb / 10P
   0.4 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-S40124A9 CHINASEMI-CSS-S40124A9 Datasheet
240Kb / 7P
   0.4 Inch Single Digit SMD Display
CSS-S40124T9 CHINASEMI-CSS-S40124T9 Datasheet
236Kb / 7P
   0.4 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com