Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-401G-L3-A Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-401G-L3-A
Description  0.40 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-401G-L3-A Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-401G-L3-A Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-401G-L3-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-401G-L3-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-401G-L3-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-401G-L3-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-401G-L3-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-401G-L3-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-401G-L3-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-401G-L3-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
0.40
INCH
SINGLE
DIGIT
DISPLAY
C-401G-L3-A G/W
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.01") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-12-0184G
DATE : 2012-09-13
Page : 2
Release
by
PARALIGHTDCC


Similar Part No. - C-401G-L3-A

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-401E-A PARALIGHT-C-401E-A Datasheet
187Kb / 10P
   0.40 INCH SINGLE DIGIT DISPLAY
C-401SR PARALIGHT-C-401SR Datasheet
209Kb / 10P
   0.40 INCH SINGLE DIGIT DISPLAY
More results

Similar Description - C-401G-L3-A

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-4180A9 CHINASEMI-CSS-4180A9 Datasheet
189Kb / 6P
   0.40 Inch Single Digit Display
CSS-4180T9 CHINASEMI-CSS-4180T9 Datasheet
192Kb / 6P
   0.40 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-401E-A PARALIGHT-C-401E-A Datasheet
187Kb / 10P
   0.40 INCH SINGLE DIGIT DISPLAY
C-401SR PARALIGHT-C-401SR Datasheet
209Kb / 10P
   0.40 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4180B7 CHINASEMI-CSS-4180B7 Datasheet
187Kb / 6P
   0.40 Inch Single Digit Display
CSS-4180G CHINASEMI-CSS-4180G Datasheet
193Kb / 6P
   0.40 Inch Single Digit Display
CSS-4180S CHINASEMI-CSS-4180S Datasheet
191Kb / 6P
   0.40 Inch Single Digit Display
CSS-4180E CHINASEMI-CSS-4180E Datasheet
193Kb / 6P
   0.40 Inch Single Digit Display
CSS-4180M9 CHINASEMI-CSS-4180M9 Datasheet
193Kb / 6P
   0.40 Inch Single Digit Display
CSS-4180V9 CHINASEMI-CSS-4180V9 Datasheet
186Kb / 6P
   0.40 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com