Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-391SR Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-391SR
Description  0.39 INCH SINGLE DIGIT DISPLAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-391SR Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-391SR Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-391SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-391SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-391SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-391SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-391SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-391SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-391SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-391SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
0.39
INCH
SINGLE
DIGIT
DISPLAY
C-391SR
REV:A / 2
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.01") unless otherwise specified.
3. We would like to offer you samples and mass production after
you confirmed the DS and signed to return us
DRAWING NO. : DS-11-02-0161
DATE : 2005-07-12
Page : 2
HD-R/RD013
Release
by
PARALIGHTDCC


Similar Part No. - C-391SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-391SR ETC-C-391SR Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-391SR

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-392B7 CHINASEMI-CSS-392B7 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
CSS-392E CHINASEMI-CSS-392E Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392G CHINASEMI-CSS-392G Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392A9 CHINASEMI-CSS-392A9 Datasheet
188Kb / 6P
   0.39 Inch Single Digit Display
CSS-392M9 CHINASEMI-CSS-392M9 Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392S CHINASEMI-CSS-392S Datasheet
189Kb / 6P
   0.39 Inch Single Digit Display
CSS-392T9 CHINASEMI-CSS-392T9 Datasheet
190Kb / 6P
   0.39 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-391Y PARALIGHT-C-391Y Datasheet
193Kb / 10P
   0.39 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-392V9 CHINASEMI-CSS-392V9 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-391G PARALIGHT-C-391G Datasheet
199Kb / 10P
   0.39 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com