Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-391G Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-391G
Description  0.39 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-391G Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-391G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
0.39
INCH
SINGLE
DIGIT
DISPLAY
C-391G B/W
REV:A / 0
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-11-12-0204G
DATE : 2012-10-15
Page : 7
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Similar Part No. - C-391G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-391G ETC-C-391G Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-391G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-392B7 CHINASEMI-CSS-392B7 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
CSS-392E CHINASEMI-CSS-392E Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392G CHINASEMI-CSS-392G Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392A9 CHINASEMI-CSS-392A9 Datasheet
188Kb / 6P
   0.39 Inch Single Digit Display
CSS-392M9 CHINASEMI-CSS-392M9 Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392S CHINASEMI-CSS-392S Datasheet
189Kb / 6P
   0.39 Inch Single Digit Display
CSS-392T9 CHINASEMI-CSS-392T9 Datasheet
190Kb / 6P
   0.39 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-391Y PARALIGHT-C-391Y Datasheet
193Kb / 10P
   0.39 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-392V9 CHINASEMI-CSS-392V9 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-391SR PARALIGHT-C-391SR Datasheet
272Kb / 12P
   0.39 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com