Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-311Y-A Datasheet(PDF) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-311Y-A
Description  0.3 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-311Y-A Datasheet(HTML) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-311Y-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0.3
INCH
SINGLE
DIGIT
DISPLAY
A-311Y-A B/W
REV:A / 0
—SOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 250 max
Immersion time: with 3 sec
— Solder no closer than 2mm
from the base of the
package
— Using soldering flux,
” RESIN
FLUX
” is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 360
or lower
Soldering time: within 3 sec.
— During soldering, take care not to
press the tip of iron against the
PIN.
(To prevent heat from being
transferred directly to the PIN.)
1) When soldering the PIN of Display in a jig that the package is fixed with a panel (See fIg.1), be
careful not to stress the PIN with iron tip. When soldering Display in a condition that the package
is fixed with a panel, be careful not to cling and stress the surface of Display on the panel to avoid
damaging the Display.
Regarding solution in the tinning oven for product-tinning, compound sub-solution made of tin &
copper and silver is proposed with the temperature of Celsius 260. The proportion of the
alloyed solution is tin 95.5: copper 3.5: silver 0.5 by percentage. The time of tinning is constantly
3 seconds.
DRAWING NO. : DS-11-09-0035
DATE : 2009-04-24
Page : 6
Fig.1
Release
by
PARALIGHTDCC


Similar Part No. - A-311Y-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-311Y ETC-A-311Y Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-311Y-A

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-311SR-PSN-A PARALIGHT-C-311SR-PSN-A Datasheet
193Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSD-322A9 CHINASEMI-CSD-322A9 Datasheet
175Kb / 5P
   0.3 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-301GB PARALIGHT-A-301GB Datasheet
150Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311Y PARALIGHT-C-311Y Datasheet
207Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301E PARALIGHT-A-301E Datasheet
202Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301E-11-A PARALIGHT-A-301E-11-A Datasheet
199Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301SR-11 PARALIGHT-A-301SR-11 Datasheet
192Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311E-A PARALIGHT-C-311E-A Datasheet
183Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311G PARALIGHT-C-311G Datasheet
208Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-301Y-11 PARALIGHT-C-301Y-11 Datasheet
217Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com