Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHT250N16 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PHT250N16
Description  THYRISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHT250N16 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PHT250N16 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHT250N16 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHT250N16 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHT250N16 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
■回路図
CIRCUIT
■外形寸法図
OUTLINE DRAWING
Dimension:[mm]
■最大定格 Maximum Ratings
耐圧クラス
Grade
項 目
Parameter
記号
Symbol
PHT250N16
単位
Unit
くり返しピークオフ電圧
RepetitivePeakOff-StateVoltage
VDRM
1600
V
非くり返しピークオフ電圧
NonRepetitivePeakOff-StateVoltage
VDSM
1700
V
くり返しピーク逆電圧
RepetitivePeakReverseVoltage
VRRM
1600
V
非くり返しピーク逆電圧
NonRepetitivePeakReverseVoltage
VRSM
1700
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.RatedValue
単位
Unit
平均オン電流
AverageOn-StateCurrent
Io(AV)
商用周波数
180°通電
Tc=84℃
HalfSineWave
250
A
実効オン電流
RMSOn-StateCurrent
IT(RMS)
390
A
サージオン電流
SurgeOn-StateCurrent
ITSM
50Hz 正弦半波,1 サイクル,非くり返し
HalfSineWave,1Pulse,Non-Repetitive
4000
A
電流二乗時間積
ISquaredt
I2t
2~10ms
80000
A2
臨界オン電流上昇率
CriticalRateofRiseofTurned-OnCurrent
di/dt
VD=2/3VDRM, ITM=2・Io, Tj=125℃
IG=300mA, diG/dt=0.2A/μs
100
A/μs
ピークゲート電力損失
PeakGatePower
PGM
5
W
平均ゲート電力損失
AverageGatePower
PG(AV)
1
W
ピークゲート電流
PeakGateCurrent
IGM
2
A
ピークゲート電圧
PeakGateVoltage
VGM
10
V
ピークゲート逆電圧
PeakGateReverseVoltage
VRGM
5
V
動作接合温度範囲
OperatingJunctionTemperatureRange
Tjw
-40 ~ +125
保存温度範囲
StorageTemperatureRange
Tstg
-40 ~ +125
絶縁耐圧
IsolationVoltage
Viso
端子-ベース間,
AC1 分間
TerminaltoBase,AC1min.
2500
V
ベース部
Mounting
サーマルコンパウンド塗布
Greased
M5
2.4 ~ 2.8
N・m
締付トルク
MountingTorque
主端子部
Terminal
M5
2.4 ~ 2.8
N・m
(注)アノードとカソード間の空間距離は
5mm であり、UL1557,400V 系にて使用
される場合、十分な空間距離を満足させて
ください.
The striking distance between the
anode and the cathode of this
module is 5mm, filing with
UL1557, but when used by the
system of 400V AC, take an
enoughstrikingdistanceandwire.
PHT250N16
250A Avg 1600 Volts
THYRISTOR


Similar Part No. - PHT250N16

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PHT250N16 KSS-PHT250N16 Datasheet
891Kb / 4P
   Thyristor
logo
National Instruments Co...
PHT250N16 NI-PHT250N16_15 Datasheet
867Kb / 4P
   THYRISTOR
More results

Similar Description - PHT250N16

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
   Thyristor/Thyristor, Thyristor/Diode
logo
International Rectifier
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
   THYRISTOR/ THYRISTOR
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
   Thyristor Thyristor
March 2001 Rev 1.001
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
   Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com