Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB52RF1289E2 Datasheet(PDF) 1 Page - Elpida Memory

Part # HB52RF1289E2
Description  1 GB Registered SDRAM DIMM 128-Mword72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52RF1289E2 Datasheet(HTML) 1 Page - Elpida Memory

  HB52RF1289E2 Datasheet HTML 1Page - Elpida Memory HB52RF1289E2 Datasheet HTML 2Page - Elpida Memory HB52RF1289E2 Datasheet HTML 3Page - Elpida Memory HB52RF1289E2 Datasheet HTML 4Page - Elpida Memory HB52RF1289E2 Datasheet HTML 5Page - Elpida Memory HB52RF1289E2 Datasheet HTML 6Page - Elpida Memory HB52RF1289E2 Datasheet HTML 7Page - Elpida Memory HB52RF1289E2 Datasheet HTML 8Page - Elpida Memory HB52RF1289E2 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
HB52RF1289E2-75B
1 GB Registered SDRAM DIMM
128-Mword
× 72-bit, 133 MHz Memory Bus, 2-Bank Module
(36 pcs of 64 M
× 4 Components)
PC133 SDRAM
E0018H20 (Ver. 2.0)
Aug. 20, 2001 (K)
Description
The HB52RF1289E2 belongs to 8-byte DIMM (Dual In-line Memory Module) family, and has been
developed as an optimized main memory solution for 8-byte processor applications. The HB52RF1289E2 is
a 64M
× 72 × 2-bank Synchronous Dynamic RAM Module, mounted 36 pieces of 256-Mbit SDRAM
(HM5225405BTB) sealed in TCP package, 1 piece of PLL clock driver, 3 pieces register driver and 1 piece of
serial EEPROM (2-kbit) for Presence Detect (PD). An outline of the HB52RF1289E2 is 168-pin socket type
package (dual lead out). Therefore, the HB52RF1289E2 makes high density mounting possible without
surface mount technology. The HB52RF1289E2 provides common data inputs and outputs. Decoupling
capacitors are mounted beside TCP on the module board.
Note:
Do not push the cover or drop the modules in order to protect from mechanical defects, which would
be electrical defects.
Features
• Fully compatible with : JEDEC standard outline 8-byte DIMM
• 168-pin socket type package (dual lead out)
 Outline: 133.37 mm (length) × 38.10 mm (Height) × 4.80 mm (Thickness)
 Lead pitch: 1.27 mm
• 3.3 V power supply
• Clock frequency: 133 MHz (max)
• LVTTL interface
• Data bus width: × 72ECC
• Single pulsed RAS
• 4 Banks can operates simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length: 1/2/4/8
• 2 variations of burst sequence


Similar Part No. - HB52RF1289E2

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RF1289E2-75B ELPIDA-HB52RF1289E2-75B Datasheet
167Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2U-75B ELPIDA-HB52RF1289E2U-75B Datasheet
157Kb / 20P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
More results

Similar Description - HB52RF1289E2

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RF1289E2U-75B ELPIDA-HB52RF1289E2U-75B Datasheet
157Kb / 20P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2-75B ELPIDA-HB52RF1289E2-75B Datasheet
167Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52R1289E2U-A6B ELPIDA-HB52R1289E2U-A6B Datasheet
166Kb / 22P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52F649E1 ELPIDA-HB52F649E1 Datasheet
143Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52R329E22-F ELPIDA-HB52R329E22-F Datasheet
356Kb / 66P
   256 MB Registered SDRAM DIMM 32-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 16 M 횞 4 Components) PC100 SDRAM
HB52R1289E22 ELPIDA-HB52R1289E22 Datasheet
168Kb / 18P
   1 GB Registered SDRAM DIMM 1 GB Registered SDRAM DIMM (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com