Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTD1N120BNS9A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HGTD1N120BNS9A
Description  5.3A, 1200V, NPT Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTD1N120BNS9A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HGTD1N120BNS9A Datasheet HTML 1Page - Fairchild Semiconductor HGTD1N120BNS9A Datasheet HTML 2Page - Fairchild Semiconductor HGTD1N120BNS9A Datasheet HTML 3Page - Fairchild Semiconductor HGTD1N120BNS9A Datasheet HTML 4Page - Fairchild Semiconductor HGTD1N120BNS9A Datasheet HTML 5Page - Fairchild Semiconductor HGTD1N120BNS9A Datasheet HTML 6Page - Fairchild Semiconductor HGTD1N120BNS9A Datasheet HTML 7Page - Fairchild Semiconductor HGTD1N120BNS9A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTD1N120BNS, HGTP1N120BN Rev. B
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. TURN-OFF FALL TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORMS
Typical Performance Curves (Unless Otherwise Specified) (Continued)
ICE, COLLECTOR TO EMITTER CURRENT (A)
1
0
1.5
2
2.5
3
8
12
20
16
24
RG = 82Ω, L = 4mH, VCE = 960V
TJ
VGE
25oC 13V
150oC 13V
25oC 15V
150oC 15V
ICE, COLLECTOR TO EMITTER CURRENT (A)
1
4
8
24
20
12
2
0.5
16
1.5
2.5
28
3
RG = 82Ω, L = 4mH, VCE = 960V
TJ = 25
oC, T
J = 150
oC, V
GE = 13V
TJ = 25
oC, T
J = 150
oC, V
GE = 15V
12
64
1.5
56
ICE, COLLECTOR TO EMITTER CURRENT (A)
2.5
84
72
76
3
0.5
60
68
80
TJ = 150
oC, V
GE = 15V
TJ = 25
oC, V
GE = 13V
RG = 82Ω, L = 4mH, VCE = 960V
TJ = 150
oC, V
GE = 13V
TJ = 25
oC, V
GE = 15V
ICE, COLLECTOR TO EMITTER CURRENT (A)
0.5
1
2
160
240
1.5
120
280
360
2.5
3
320
200
RG = 82Ω, L = 4mH, VCE = 960V
TJ = 25
oC, V
GE = 13V OR 15V
TJ = 150
oC, V
GE = 13V OR 15V
0
2
4
6
13
7
8
9
10
12
VGE, GATE TO EMITTER VOLTAGE (V)
11
8
10
12
14
15
14
16
18
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 20V
TC = -55
oC
TC = 150
oC
TC = 25
oC
QG, GATE CHARGE (nC)
15
3
6
0
020
8
412
9
12
16
IG(REF) = 1mA, RL = 600Ω, TC = 25
oC
VCE = 1200V
VCE = 800V
VCE = 400V
HGTD1N120BNS, HGTP1N120BN


Similar Part No. - HGTD1N120BNS9A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTD1N120BNS FAIRCHILD-HGTD1N120BNS Datasheet
97Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Inchange Semiconductor ...
HGTD1N120BNS ISC-HGTD1N120BNS Datasheet
312Kb / 2P
   Trench Field-Stop Technology IGBT
More results

Similar Description - HGTD1N120BNS9A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTD1N120BNS FAIRCHILD-HGTD1N120BNS Datasheet
97Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTP1N120BND INTERSIL-HGTP1N120BND Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com