Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDS5104ABTA Datasheet(PDF) 2 Page - Elpida Memory

Part # EDS5104ABTA
Description  512M bits SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS5104ABTA Datasheet(HTML) 2 Page - Elpida Memory

  EDS5104ABTA Datasheet HTML 1Page - Elpida Memory EDS5104ABTA Datasheet HTML 2Page - Elpida Memory EDS5104ABTA Datasheet HTML 3Page - Elpida Memory EDS5104ABTA Datasheet HTML 4Page - Elpida Memory EDS5104ABTA Datasheet HTML 5Page - Elpida Memory EDS5104ABTA Datasheet HTML 6Page - Elpida Memory EDS5104ABTA Datasheet HTML 7Page - Elpida Memory EDS5104ABTA Datasheet HTML 8Page - Elpida Memory EDS5104ABTA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
EDS5104ABTA, EDS5108ABTA, EDS5116ABTA
Preliminary Data Sheet E0250E10 (Ver. 1.0)
2
Ordering Information
Part number
Mask
Version
Organization
(words
× bits)
Internal Banks
Clock frequency
MHz (max.)
/CAS latency
Package
EDS5104ABTA-6B
EDS5104ABTA-7A
EDS5104ABTA-75*
B
128M
× 4
4
166
133
133
3
2, 3
3
54-pin Plastic
TSOP (II)
EDS5108ABTA-6B
EDS5108ABTA-7A
EDS5108ABTA-75*
64M
× 8
166
133
133
3
2, 3
3
EDS5116ABTA-6B
EDS5116ABTA-7A
EDS5116ABTA-75*
32M
× 16
166
133
133
3
2, 3
3
Note: 100MHz operation at /CAS latency = 2.
Part Number
Elpida Memory
Density & Bank
51: 512M/4 Banks
Bit Organization
04: x4
08: x8
16: x16
Interface
A: 3.3V, LVTTL
Mask Revision
Package
TA: TSOP (II)
Speed
6B: 166MHz/CL3
7A: 133MHz/CL2, 3
75: 133MHz/CL3
100MHz/CL2
Function
S: SDRAM
Material Type
D: Mono
E D S 51 04 A B TA - 6B


Similar Part No. - EDS5104ABTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS51321DBH-6DTS-F ELPIDA-EDS51321DBH-6DTS-F Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDS51321DBH-7BTS-F ELPIDA-EDS51321DBH-7BTS-F Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDS51321DBH-TS ELPIDA-EDS51321DBH-TS Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
More results

Similar Description - EDS5104ABTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDJ5304BASE ELPIDA-EDJ5304BASE Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com