Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD5407N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD5407N
Description  40 V, 38 A, Single N-Channel, DPAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5407N Datasheet(HTML) 2 Page - ON Semiconductor

  NTD5407N Datasheet HTML 1Page - ON Semiconductor NTD5407N Datasheet HTML 2Page - ON Semiconductor NTD5407N Datasheet HTML 3Page - ON Semiconductor NTD5407N Datasheet HTML 4Page - ON Semiconductor NTD5407N Datasheet HTML 5Page - ON Semiconductor NTD5407N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTD5407N, STD5407N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
40
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
39
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 40 V
TJ = 25°C
1.0
mA
TJ = 100°C
10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±30 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.5
3.5
V
Gate Threshold Temperature
Coefficient
VGS(TH)/TJ
−6.0
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 10 V, ID = 20 A
21
26
mW
VGS = 5.0 V, ID = 10 A
32
40
Forward Transconductance
gFS
VGS = 10 V, ID = 18 A
15
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 32 V
615
1000
pF
Output Capacitance
COSS
173
Reverse Transfer Capacitance
CRSS
80
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 32 V,
ID = 38 A
20
nC
Gate−to−Source Charge
QGS
2.25
Gate−to−Drain Charge
QGD
10.5
SWITCHING CHARACTERISTICS, VGS = 10 V (Note 3)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDD = 32 V,
ID = 38 A, RG = 2.5 W
6.8
ns
Rise Time
tr
17
Turn−Off Delay Time
td(OFF)
66
Fall Time
tf
51
SWITCHING CHARACTERISTICS, VGS = 5 V (Note 3)
Turn−On Delay Time
td(ON)
VGS = 5 V, VDD = 20 V,
ID = 20 A, RG = 2.5 W
10
ns
Rise Time
tr
175
Turn−Off Delay Time
td(OFF)
13
Fall Time
tf
23
DRAIN−SOURCE DIODE CHARACTERISTICS (Note 2)
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 5.0 A
TJ = 25°C
0.9
1.1
V
TJ = 125°C
0.75
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 15 A
38
ns
Charge Time
ta
20.5
Discharge Time
tb
17
Reverse Recovery Charge
QRR
40
nC
2. Pulse Test: pulse width ≤ 300 ms, duty cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD5407N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD5407N ONSEMI-NTD5407N Datasheet
82Kb / 6P
   Power MOSFET
October, 2016 ??Rev. 7
logo
SHENZHEN DOINGTER SEMIC...
NTD5407N DOINGTER-NTD5407N Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
ON Semiconductor
NTD5407NG ONSEMI-NTD5407NG Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD5407NT4G ONSEMI-NTD5407NT4G Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
More results

Similar Description - NTD5407N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NVMYS010N04CL ONSEMI-NVMYS010N04CL Datasheet
339Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
NVD5890NT4G ONSEMI-NVD5890NT4G Datasheet
116Kb / 7P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
January, 2012 ??Rev. 1
NID5003N ONSEMI-NID5003N Datasheet
50Kb / 6P
   42 V, 20 A, Single N-Channel, DPAK
August, 2004 ??Rev. 2
NVTYS010N04C ONSEMI-NVTYS010N04C Datasheet
336Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0
NTD5803N ONSEMI-NTD5803N Datasheet
111Kb / 6P
   Power MOSFET 40 V, 76 A, Single N?묬hannel, DPAK
December, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com