Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF38N65M5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF38N65M5
Description  N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF38N65M5 Datasheet(HTML) 4 Page - STMicroelectronics

  STF38N65M5 Datasheet HTML 1Page - STMicroelectronics STF38N65M5 Datasheet HTML 2Page - STMicroelectronics STF38N65M5 Datasheet HTML 3Page - STMicroelectronics STF38N65M5 Datasheet HTML 4Page - STMicroelectronics STF38N65M5 Datasheet HTML 5Page - STMicroelectronics STF38N65M5 Datasheet HTML 6Page - STMicroelectronics STF38N65M5 Datasheet HTML 7Page - STMicroelectronics STF38N65M5 Datasheet HTML 8Page - STMicroelectronics STF38N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical ratings
STB38N65M5, STF38N65M5, STP38N65M5, STW38N65M5
4/22
DocID022851 Rev 3
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
I
AR
Avalanche current, repetetive or not repetetive
(pulse width limited by T
jmax
)
8A
E
AS
Single pulse avalanche energy (starting t
j
= 25°C,
I
d
= I
AR
; V
dd
= 50V)
660
mJ


Similar Part No. - STF38N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF38N65M5 ISC-STF38N65M5 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF38N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW38N65M5-4 STMICROELECTRONICS-STW38N65M5-4 Datasheet
393Kb / 13P
   N-channel 650 V, 0.073 typ., 30 A MDmesh M5 Power MOSFET in a TO247-4 package
April 2016 Rev 1
STB8N65M5 STMICROELECTRONICS-STB8N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.56 廓, 7 A MDmesh??V Power MOSFET
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
   N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
STL8N65M5 STMICROELECTRONICS-STL8N65M5 Datasheet
1Mb / 13P
   N-channel 650 V, 0.56, 7 A MDmesh V Power MOSFET in PowerFLAT 5x5
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
   N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
STW54NM65N STMICROELECTRONICS-STW54NM65N Datasheet
499Kb / 12P
   N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com