Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4416A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 2N4416A
Description  N-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N4416A Datasheet(HTML) 1 Page - Vishay Siliconix

  2N4416A Datasheet HTML 1Page - Vishay Siliconix 2N4416A Datasheet HTML 2Page - Vishay Siliconix 2N4416A Datasheet HTML 3Page - Vishay Siliconix 2N4416A Datasheet HTML 4Page - Vishay Siliconix 2N4416A Datasheet HTML 5Page - Vishay Siliconix 2N4416A Datasheet HTML 6Page - Vishay Siliconix 2N4416A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2N4416/2N4416A/SST4416
Vishay Siliconix
Document Number: 70242
S-04028—Rev. F, 04-Jun-01
www.vishay.com
7-1
N-Channel JFETs
PRODUCT SUMMARY
Part Number
VGS(off) (V)
V(BR)GSS Min (V)
gfs Min (mS)
IDSS Min (mA)
2N4416
v6
–30
4.5
5
2N4416A
–2.5 to –6
–35
4.5
5
SST4416
v6
–30
4.5
5
FEATURES
BENEFITS
APPLICATIONS
D Excellent High-Frequency Gain:
2N4416/A, Gps 13 dB (typ) @
400 MHz
D Very Low Noise: 3 dB (typ) @
400 MHz
D Very Low Distortion
D High AC/DC Switch Off-Isolation
D Wideband High Gain
D Very High System Sensitivity
D High Quality of Amplification
D High-Speed Switching Capability
D High Low-Level Signal Amplification
D High-Frequency Amplifier/Mixer
D Oscillator
D Sample-and-Hold
D Very Low Capacitance Switches
DESCRIPTION
The
2N4416/2N4416A/SST4416
n-channel
JFETs
are
designed to provide high-performance amplification at high
frequencies.
The TO-206AF (TO-72) hermetically-sealed package is
available
with
full
military
processing
(see
Military
Information.) The TO-236 (SOT-23) package provides a
low-cost option and is available with tape-and-reel options
(see Packaging Information). For similar products in the
TO-226AA (TO-92) package, see the J304/305 data sheet.
TO-206AF
(TO-72)
S
C
D
G
Top View
2N4416
2N4416A
1
23
4
D
S
G
TO-236
(SOT-23)
2
3
1
Top View
SST4416 (H1)*
*Marking Code for TO-236
For applications information see AN104.


Similar Part No. - 2N4416A

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4416A CALOGIC-2N4416A Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
   JFET VHF/UHF AMPLIFIER
logo
Micro Electronics
2N4416A MICRO-ELECTRONICS-2N4416A Datasheet
140Kb / 1P
   N-CHANNEL FET
logo
Micross Components
2N4416A MICROSS-2N4416A Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
logo
Linear Integrated Syste...
2N4416A LINEAR-2N4416A Datasheet
237Kb / 2P
   N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
More results

Similar Description - 2N4416A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com