Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST175 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SST175
Description  P-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST175 Datasheet(HTML) 2 Page - Vishay Siliconix

  SST175 Datasheet HTML 1Page - Vishay Siliconix SST175 Datasheet HTML 2Page - Vishay Siliconix SST175 Datasheet HTML 3Page - Vishay Siliconix SST175 Datasheet HTML 4Page - Vishay Siliconix SST175 Datasheet HTML 5Page - Vishay Siliconix SST175 Datasheet HTML 6Page - Vishay Siliconix SST175 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
J/SST174/175/176/177 Series
Vishay Siliconix
www.vishay.com
9-2
Document Number: 70257
S-04030—Rev. E, 04-Jun-01
ABSOLUTE MAXIMUM RATINGS
Gate-Drain Voltage
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate-Source Voltage
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 sec.)
300
_C
. . . . . . . . . . . . . . . . . . .
Power Dissipationa
350 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.8 mW/
_C above 25_C
SPECIFICATIONS FOR J/SST174 AND J/SST175 (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
J/SST174
J/SST175
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Gate-Source Breakdown Voltage
V(BR)GSS
IG = 1 mA , VDS = 0 V
45
30
30
Gate-Source Cutoff Voltage
VGS(off)
VDS = –15 V, ID = –10 nA
5
10
3
6
V
Saturation Drain Currentb
IDSS
VDS = –15 V, VGS = 0 V
–20
–135
–7
–70
mA
VGS = 20 V, VDS = 0 V
0.01
1
1
Gate Reverse Current
IGSS
TA = 125_C
5
Gate Operating Current
IG
VDG = –15 V, ID = –1 mA
0.01
nA
VDS = –15 V, VGS = 10 V
–0.01
–1
–1
Drain Cutoff Current
ID(off)
TA = 125_C
–5
Drain-Source On-Resistance
rDS(on)
VGS = 0 V, VDS = –0.1 V
85
125
W
Gate-Source Forward Voltage
VGS(F)
IG = –1 mA , VDS = 0 V
–0.7
V
Dynamic
Common-Source
Forward Transconductance
gfs
VDS = –15 V, ID = –1 mA
4.5
mS
Common-Source
Output Conductance
gos
VDS = –15 V, ID = –1 mA
f = 1 kHz
20
mS
Drain-Source On-Resistance
rds(on)
VGS = 0 V, ID = 0 mA , f = 1 kHz
85
125
W
Common-Source Input Capacitance
Ciss
VDS = 0 V, VGS = 0 V, f = 1 MHz
20
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 0 V, VGS = 10 V
f = 1 MHz
5
pF
Equivalent Input Noise Voltage
en
VDG = –10 V, ID = –1 mA
f = 1 kHz
20
nV
√Hz
Switching
td(on)
10
Turn-On Time
tr
VGS(L) = 0 V, VGS(H) = 10 V
15
td(off)
GS(L)
GS(H)
See Switching Circuit
10
ns
Turn-Off Time
tf
20
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
PSCIA
b.
Pulse test: PW
v300 ms duty cycle v3%.


Similar Part No. - SST175

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST175 CALOGIC-SST175 Datasheet
23Kb / 2P
   P-Channel JFET Switch
logo
Linear Integrated Syste...
SST175 LINEAR-SST175 Datasheet
237Kb / 2P
   SINGLE P-CHANNEL JFET SWITCH
logo
Vishay Siliconix
SST175 VISHAY-SST175 Datasheet
55Kb / 6P
   P-Channel JFETs
Rev. E, 04-Jun-01
SST175 VISHAY-SST175 Datasheet
81Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
logo
Micross Components
SST175 MICROSS-SST175 Datasheet
301Kb / 1P
   Linear Systems replaces discontinued Siliconix SST175
More results

Similar Description - SST175

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5114JAN VISHAY-2N5114JAN Datasheet
28Kb / 3P
   P-Channel JFETs
Rev. E, 04-Jun-01
SST270-T1-E3 VISHAY-SST270-T1-E3 Datasheet
51Kb / 5P
   P-Channel JFETs
Rev. D, 02-Jul-01
SST5460 VISHAY-SST5460 Datasheet
50Kb / 5P
   P-Channel JFETs
Rev. D, 04-Jun-01
SST176-T1 VISHAY-SST176-T1 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
J175-E3 VISHAY-J175-E3 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
J270 VISHAY-J270 Datasheet
44Kb / 4P
   P-Channel JFETs
Rev. D, 02-Jul-01
logo
New Jersey Semi-Conduct...
2N3382 NJSEMI-2N3382 Datasheet
83Kb / 1P
   p-channel JFETs
logo
Vishay Siliconix
SST174 VISHAY-SST174 Datasheet
55Kb / 6P
   P-Channel JFETs
Rev. E, 04-Jun-01
logo
New Jersey Semi-Conduct...
2N5018 NJSEMI-2N5018 Datasheet
129Kb / 1P
   P-CHANNEL JFETS
logo
Vishay Siliconix
SST174-E3 VISHAY-SST174-E3 Datasheet
81Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com