Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST174-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SST174-T1-E3
Description  P-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST174-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SST174-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SST174-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SST174-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SST174-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SST174-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SST174-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SST174-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
J/SST174/175/176/177 Series
Vishay Siliconix
Document Number: 70257
S-04030—Rev. E, 04-Jun-01
www.vishay.com
9-1
P-Channel JFETs
J174
SST174
J175
SST175
J176
SST176
J177
SST177
PRODUCT SUMMARY
Part Number
VGS(off) (V)
rDS(on) Max (W)
ID(off) Typ (pA)
tON Typ (ns)
J/SST174
5 to 10
85
–10
25
J/SST175
3 to 6
125
–10
25
J/SST176
1 to 4
250
–10
25
J/SST177
0.8 to 2.25
300
–10
25
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: J174 <85 W
D Fast Switching—tON: 25 ns
D Low Leakage: –10 pA
D Low Capacitance: 5 pF
D Low Insertion Loss
D Low Error Voltage
D High-Speed Analog Circuit Performance
D Negligible “Off-Error,” Excellent Accuracy
D Good Frequency Response
D Eliminates Additional Buffering
D Analog Switches
D Choppers
D Sample-and-Hold
D Normally “On” Switches
D Current Limiters
DESCRIPTION
The J/SST174 series consists of p-channel analog switches
designed to provide low on-resistance and fast switching. This
series simplifies series-shunt switching applications when
combined with the Siliconix J/SST111 series.
The TO-226AA (TO-92) plastic package provides a low-cost
option, while the TO-236 (SOT-23) package provides
surface-mount capability.
Both the J and SST series are
available in tape-and-reel for automated assembly (see
Packaging Information).
D
S
G
TO-236
(SOT-23)
Top View
2
3
1
TO-226AA
(TO-92)
Top View
D
S
G
1
2
3
*Marking Code for TO-236
SST174 (S4)*
SST175 (S5)*
SST176 (S6)*
SST177 (S7)*
J174
J175
J176
J177
For applications information see AN104.


Similar Part No. - SST174-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SST174-E3 VISHAY-SST174-E3 Datasheet
81Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
More results

Similar Description - SST174-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5114JAN VISHAY-2N5114JAN Datasheet
28Kb / 3P
   P-Channel JFETs
Rev. E, 04-Jun-01
SST270-T1-E3 VISHAY-SST270-T1-E3 Datasheet
51Kb / 5P
   P-Channel JFETs
Rev. D, 02-Jul-01
SST5460 VISHAY-SST5460 Datasheet
50Kb / 5P
   P-Channel JFETs
Rev. D, 04-Jun-01
SST176-T1 VISHAY-SST176-T1 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
J175-E3 VISHAY-J175-E3 Datasheet
62Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
J270 VISHAY-J270 Datasheet
44Kb / 4P
   P-Channel JFETs
Rev. D, 02-Jul-01
logo
New Jersey Semi-Conduct...
2N3382 NJSEMI-2N3382 Datasheet
83Kb / 1P
   p-channel JFETs
logo
Vishay Siliconix
SST174 VISHAY-SST174 Datasheet
55Kb / 6P
   P-Channel JFETs
Rev. E, 04-Jun-01
logo
New Jersey Semi-Conduct...
2N5018 NJSEMI-2N5018 Datasheet
129Kb / 1P
   P-CHANNEL JFETS
logo
Vishay Siliconix
SST174-E3 VISHAY-SST174-E3 Datasheet
81Kb / 7P
   P-Channel JFETs
Rev. E, 04-Jun-01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com