Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBS52UC8APSA Datasheet(PDF) 8 Page - Elpida Memory

Part No. EBS52UC8APSA
Description  512MB SDRAM S.O.DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS52UC8APSA Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBS52UC8APSA Datasheet HTML 4Page - Elpida Memory EBS52UC8APSA Datasheet HTML 5Page - Elpida Memory EBS52UC8APSA Datasheet HTML 6Page - Elpida Memory EBS52UC8APSA Datasheet HTML 7Page - Elpida Memory EBS52UC8APSA Datasheet HTML 8Page - Elpida Memory EBS52UC8APSA Datasheet HTML 9Page - Elpida Memory EBS52UC8APSA Datasheet HTML 10Page - Elpida Memory EBS52UC8APSA Datasheet HTML 11Page - Elpida Memory EBS52UC8APSA Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
EBS52UC8APSA
Data Sheet E0240E20 (Ver. 2.0)
8
DC Characteristics 1 (TA = 0 to +70°C, VDD = 3.3V ± 0.3V, VSS = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
ICC1
-7A/7AL 1280
mA
Burst length = 1
tRC = tRC (min.)
1, 2, 3
ICC1
-75/75L
1120
mA
Standby current in power down
ICC2P
48
mA
CKE = VIL, tCK = 12ns
6
Standby current in non power
down
ICC2N
320
mA
CKE, /CS = VIH,
tCK = 12ns
4
Active standby current in power
down
ICC3P
64
mA
CKE = VIL, tCK = 12ns
1, 2, 6
Active standby current in non
power down
ICC3N
480
mA
CKE, /CS = VIH,
tCK = 12ns
1, 2, 4
Burst operating current
ICC4
1320
mA
tCK = tCK (min.), BL = 4
1, 2, 5
Refresh current
ICC5
-7A/7AL 2240
mA
tRC = tRC (min.)
3
ICC5
-75/75L
2000
mA
Self refresh current
ICC6
48
mA
VIH ≥ VDD – 0.2V
VIL ≤ 0.2V
7
Self refresh current
(L-version)
ICC6
-XXL
16
mA
Notes: 1. ICC depends on output load condition when the device is selected. ICC (max.) is specified at the output
open condition
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, /CLK operating current.
7. After self refresh mode set, self refresh current.
DC Characteristics 2 (TA = 0 to +70°C, VDD = 3.3V ± 0.3V, VSS = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–10
10
µA
0 ≤ VIN ≤ VDD
Output leakage current
ILO
–10
10
µA
0 ≤ VOUT ≤ VDD
DQ = disable
Output high voltage
VOH
2.4
V
IOH = –4mA
Output low voltage
VOL
0.4
V
IOL = 4mA


Similar Part No. - EBS52UC8APSA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-75 ELPIDA-EBS52UC8APFA-75 Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-7A ELPIDA-EBS52UC8APFA-7A Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
More results

Similar Description - EBS52UC8APSA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
EBS26UC6APS ELPIDA-EBS26UC6APS Datasheet
145Kb / 14P
   256MB SDRAM S.O.DIMM
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
   128MB SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
Hynix Semiconductor
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz