Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBS52UC8APSA Datasheet(PDF) 7 Page - Elpida Memory

Part No. EBS52UC8APSA
Description  512MB SDRAM S.O.DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS52UC8APSA Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBS52UC8APSA Datasheet HTML 3Page - Elpida Memory EBS52UC8APSA Datasheet HTML 4Page - Elpida Memory EBS52UC8APSA Datasheet HTML 5Page - Elpida Memory EBS52UC8APSA Datasheet HTML 6Page - Elpida Memory EBS52UC8APSA Datasheet HTML 7Page - Elpida Memory EBS52UC8APSA Datasheet HTML 8Page - Elpida Memory EBS52UC8APSA Datasheet HTML 9Page - Elpida Memory EBS52UC8APSA Datasheet HTML 10Page - Elpida Memory EBS52UC8APSA Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
EBS52UC8APSA
Data Sheet E0240E20 (Ver. 2.0)
7
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, wait more than 100 µs and then, execute power on sequence and CBR (Auto) refresh before
proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to VDD + 0.5
(≤ 4.6 (max.))
V
Supply voltage relative to VSS
VDD
–0.5 to +4.6
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
16
W
Operating temperature
TA
0 to +70
°C
1
Storage temperature
Tstg
–55 to +125
°C
Notes: 1. SDRAM device specification
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = 0 to +70°C) (SDRAM device specification)
Parameter
Symbol
min.
max.
Unit
Note
Supply voltage
VDD
3.0
3.6
V
1
VSS
0
0
V
2
Input high voltage
VIH
2.0
VDD + 0.3
V
3
Input low voltage
VIL
−0.3
0.8
V
4
Notes: 1. The supply voltage with all VDD pins must be on the same level.
2. The supply voltage with all VSS pins must be on the same level.
3. VIH (max.) = VDD + 2.0V for pulse width ≤ 3ns at VDD.
4. VIL (min.) = VSS
− 2.0V for pulse width ≤ 3ns at VSS.


Similar Part No. - EBS52UC8APSA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-75 ELPIDA-EBS52UC8APFA-75 Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-7A ELPIDA-EBS52UC8APFA-7A Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
More results

Similar Description - EBS52UC8APSA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
EBS26UC6APS ELPIDA-EBS26UC6APS Datasheet
145Kb / 14P
   256MB SDRAM S.O.DIMM
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
   128MB SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
Hynix Semiconductor
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz