Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBS26UC6APS Datasheet(PDF) 10 Page - Elpida Memory

Part # EBS26UC6APS
Description  256MB SDRAM S.O.DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS26UC6APS Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBS26UC6APS Datasheet HTML 6Page - Elpida Memory EBS26UC6APS Datasheet HTML 7Page - Elpida Memory EBS26UC6APS Datasheet HTML 8Page - Elpida Memory EBS26UC6APS Datasheet HTML 9Page - Elpida Memory EBS26UC6APS Datasheet HTML 10Page - Elpida Memory EBS26UC6APS Datasheet HTML 11Page - Elpida Memory EBS26UC6APS Datasheet HTML 12Page - Elpida Memory EBS26UC6APS Datasheet HTML 13Page - Elpida Memory EBS26UC6APS Datasheet HTML 14Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
EBS26UC6APS
Data Sheet E0225E20 (Ver. 2.0)
10
Test Conditions
• Input and output timing reference levels: 1.4V
• Input waveform and output load: See following figures
tT
2.4V
0.4V
0.8V
2.0V
tT
DQ
CL
Input Waveform and Output Load
Relationship Between Frequency and Minimum Latency (SDRAM device specification)
Parameter
-7A/7AL
-75/75L
-80/80L
Frequency (MHz)
133
133
10
tCK (ns)
7.5
7.5
10
/CAS latency
Symbol
CL = 2
CL = 3
CL = 2
Notes
Active command to column command
(same bank)
lRCD
2
3
2
1
Active command to active command
(same bank)
lRC
8
9
7
1
Active command to precharge command
(same bank)
lRAS
6
6
5
1
Precharge command to active command
(same bank)
lRP
2
3
2
1
Write recovery or data-in to precharge
command (same bank)
lDPL
2
2
2
1
Active command to active command
(different bank)
lRRD
2
2
2
1
Self refresh exit time
lSREX
1
1
1
2
Last data in to active command
(Auto precharge, same bank)
lDAL
4
5
4
= [lDPL + lRP]
Self refresh exit to command input
lSEC
8
9
7
= [lRC]
3
Precharge command to high impedance
lHZP
2
3
2
Last data out to active command
(auto precharge) (same bank)
lAPR
1
1
1
Last data out to precharge (early precharge)
lEP
–1
–2
–1
Column command to column command
lCCD
1
1
1
Write command to data in latency
lWCD
0
0
0
DQM to data in
lDID
0
0
0
DQM to data out
lDOD
2
2
2
CKE to CLK disable
lCLE
1
1
1
Register set to active command
lMRD
2
2
2
/CS to command disable
lCDD
0
0
0
Power down exit to command input
lPEC
1
1
1
Notes: 1. IRCD to IRRD are recommended value.
2. Be valid [DESL] or [NOP] at next command of self refresh exit.
3. Except [DESL] and [NOP]


Similar Part No. - EBS26UC6APS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBS20A ADAM-TECH-EBS20A Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20B ADAM-TECH-EBS20B Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20H ADAM-TECH-EBS20H Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20J ADAM-TECH-EBS20J Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20K ADAM-TECH-EBS20K Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
More results

Similar Description - EBS26UC6APS

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
   128MB SDRAM S.O.DIMM
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
logo
List of Unclassifed Man...
EM488M3244VBA-8F ETC1-EM488M3244VBA-8F Datasheet
884Kb / 33P
   256Mb SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com