Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBS26UC6APS Datasheet(PDF) 9 Page - Elpida Memory

Part # EBS26UC6APS
Description  256MB SDRAM S.O.DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS26UC6APS Datasheet(HTML) 9 Page - Elpida Memory

Back Button EBS26UC6APS Datasheet HTML 5Page - Elpida Memory EBS26UC6APS Datasheet HTML 6Page - Elpida Memory EBS26UC6APS Datasheet HTML 7Page - Elpida Memory EBS26UC6APS Datasheet HTML 8Page - Elpida Memory EBS26UC6APS Datasheet HTML 9Page - Elpida Memory EBS26UC6APS Datasheet HTML 10Page - Elpida Memory EBS26UC6APS Datasheet HTML 11Page - Elpida Memory EBS26UC6APS Datasheet HTML 12Page - Elpida Memory EBS26UC6APS Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EBS26UC6APS
Data Sheet E0225E20 (Ver. 2.0)
9
Pin Capacitance (TA = +25°C, VDD = 3.3V ± 0.3V)
Parameter
Symbol
Pins
max.
Unit
Notes
Input capacitance
CI1
Address
TBD
pF
1, 2, 4
CI2
/RAS, /CAS, /WE
TBD
pF
1, 2, 4
CI3
CKE
TBD
pF
1, 2, 4
CI4
/CS
TBD
pF
1, 2, 4
CI5
CLK
TBD
pF
1, 2, 4
CI6
DQMB
TBD
pF
1, 2, 4
Data input/output capacitance
CI/O1
DQ
TBD
pF
1, 2, 3, 4
AC Characteristics (TA = 0 to +70°C, VDD = 3.3V ± 0.3V, VSS = 0V) (SDRAM device specification)
-7A/7AL
-75/75L
-80/80L
Parameter
Symbol min.
max.
min.
max.
min.
max.
Unit
Notes
System clock cycle time
(CL = 2)
tCK
7.5
10
10
ns
1
(CL = 3)
tCK
7.5
7.5
10
ns
CLK high pulse width
tCH
2.5
2.5
3
ns
1
CLK low pulse width
tCL
2.5
2.5
3
ns
1
Access time from CLK
tAC
5.4
5.4
6
ns
1, 2
Data-out hold time
tOH
2.7
2.7
2.7
ns
1, 2
CLK to Data-out low impedance
tLZ
1
1
1
ns
1, 2, 3
CLK to Data-out high impedance
tHZ
5.4
5.4
6
ns
1, 4
Input setup time
tSI
1.5
1.5
2
ns
1
Input hold time
tHI
0.8
0.8
1
ns
1
Ref/Active to Ref/Active command period tRC
60
67.5
70
ns
1
Active to Precharge command period
tRAS
45
120000 45
120000 48
120000 ns
1
Active command to column command
(same bank)
tRCD
15
20
20
ns
1
Precharge to active command period
tRP
15
20
20
ns
1
Write recovery or data-in to precharge
lead time
tDPL
15
15
20
ns
1
Last data into active latency
tDAL
2CLK +
15ns
2CLK +
20ns
2CLK +
20ns
Active (a) to Active (b) command period
tRRD
15
15
20
ns
1
Transition time (rise and fall)
tT
0.5
5
0.5
5
0.5
5
ns
Refresh period
(8192 refresh cycles)
tREF
64
64
64
ms
Notes: 1. AC measurement assumes tT = 0.5ns. Reference level for timing of input signals is 1.4V.
2. Access time is measured at 1.4V. Load condition is CL = 50pF.
3. tLZ (min.) defines the time at which the outputs achieves the low impedance state.
4. tHZ (max.) defines the time at which the outputs achieves the high impedance state.


Similar Part No. - EBS26UC6APS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBS20A ADAM-TECH-EBS20A Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20B ADAM-TECH-EBS20B Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20H ADAM-TECH-EBS20H Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20J ADAM-TECH-EBS20J Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBS20K ADAM-TECH-EBS20K Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
More results

Similar Description - EBS26UC6APS

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
   128MB SDRAM S.O.DIMM
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
logo
List of Unclassifed Man...
EM488M3244VBA-8F ETC1-EM488M3244VBA-8F Datasheet
884Kb / 33P
   256Mb SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com