Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC123B Datasheet(PDF) 12 Page - Sharp Electrionic Components

Part No. PC123B
Description  DIP 4pin Reinforced Insulation Type Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC123B Datasheet(HTML) 12 Page - Sharp Electrionic Components

Back Button PC123B Datasheet HTML 8Page - Sharp Electrionic Components PC123B Datasheet HTML 9Page - Sharp Electrionic Components PC123B Datasheet HTML 10Page - Sharp Electrionic Components PC123B Datasheet HTML 11Page - Sharp Electrionic Components PC123B Datasheet HTML 12Page - Sharp Electrionic Components PC123B Datasheet HTML 13Page - Sharp Electrionic Components PC123B Datasheet HTML 14Page - Sharp Electrionic Components PC123B Datasheet HTML 15Page - Sharp Electrionic Components PC123B Datasheet HTML 16Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Sheet No.: D2-A02902EN
Solvent cleaning:
Solvent temperature should be 45˚C or below Immersion time should be 3minutes or less
Ultrasonic cleaning:
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials:
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol
In case the other type of solvent materials are intended to be used, please make sure they work fine in ac-
tual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this device.
Regulation substances:CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
● Presence of ODC
12
PC123 Series


Similar Part No. - PC123B

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC123 SHARP-PC123 Datasheet
79Kb / 4P
   European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC123 SHARP-PC123 Datasheet
714Kb / 15P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC12310NFZ0F SHARP-PC12310NFZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC12310NFZ0X SHARP-PC12310NFZ0X Datasheet
585Kb / 17P
   PC1231xxFZ0X Series Photocoupler
PC12310NIP0F SHARP-PC12310NIP0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
More results

Similar Description - PC123B

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz