Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELH0021K Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # ELH0021K
Description  1 Amp Power Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

ELH0021K Datasheet(HTML) 3 Page - Elantec Semiconductor

  ELH0021K Datasheet HTML 1Page - Elantec Semiconductor ELH0021K Datasheet HTML 2Page - Elantec Semiconductor ELH0021K Datasheet HTML 3Page - Elantec Semiconductor ELH0021K Datasheet HTML 4Page - Elantec Semiconductor ELH0021K Datasheet HTML 5Page - Elantec Semiconductor ELH0021K Datasheet HTML 6Page - Elantec Semiconductor ELH0021K Datasheet HTML 7Page - Elantec Semiconductor ELH0021K Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELH0021K8838508801YX
1 Amp Power Operational Amplifier
DC Electrical Characteristics V
S
e g
15V TMIN s TA s TMAX CC e 3000 pF
Contd
Parameter
Description
Test Conditions
ELH0021
Units
Min
Typ
Max
Test
Level
PSRR
Power Supply
RS s 100X VS e g5V to g15V
80
96
I
dB
Rejection Ratio
AVOL
Voltage Gain
VO e g10V RL e 1kX TC e 25 C
100
200
I
VmV
(Note 5)
VO e g10V RL e 100X
25
I
VmV
VO
Output Voltage
RL e 100X
g
135
14
I
V
Swing
RL e 10X TC e 25 C
g
11
g
12
I
V
ISC
Output Short
TC e 25 C RSC e 05X
08
12
16
I
A
Circuit Current
IS
Supply Current
VOUT e 0V
25
35
I
mA
PC
Power
VOUT e 0V
75
105
I
mW
Consumption
Note 1 Rating applies for supply voltages above g15V For supplies less than g15V rating is equal to supply voltage
Note 2 Rating applies for ELH0021K with RSC e 0X
Note 3 Rating applies as long as package power rating is not exceeded
Note 4 Specifications apply for g5V s VS s g18V
Note 5 The ELH0021 like all Class B amplifiers has a ‘‘dead band’’ when VOUT is near 0V Typical values for the ‘‘dead band’’ are
in the 50
mVto200 mV range Open-loop gain is measured at VOUT from g05 VDC TO g100 VDC which is out of the range
of the ‘‘dead band’’
AC Electrical Characteristics T
A
e
25 C VS e g15V CC e 3000 pF
Parameter
Description
Test Conditions
ELH0021
Units
Min
Typ
Max
Test
Level
SR
Slew Rate
AV e 1 RL e 100X
15
3
I
V
ms
BW
Bandwidth
RL e 100X
20
V
kHz
tr tf
Small Signal
03
1
I
ms
Rise or Fall Time
Small Signal
520
I
%
Overshoot
tS
Settling Time
DVIN e 10V AV e 1
4V
ms
(01%)
Overload Recovery
3V
ms
Time
HD
Harmonic
f e 1 kHz PO e 05W
02
V
%
Distortion
en
Input Noise
RS e 50X BW e 10 Hz to 10 kHz
5V
mVrms
Voltage
in
Input Noise Current
BW e 10 Hz to 10 kHz
005
V
nArms
CIN
Input Capacitance
3
V
pF
3


Similar Part No. - ELH0021K

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
ELH0002H ELANTEC-ELH0002H Datasheet
190Kb / 8P
   Current Amplifier
ELH0032G ELANTEC-ELH0032G Datasheet
253Kb / 12P
   Fast Operational Amplifier
ELH0032G/883B ELANTEC-ELH0032G/883B Datasheet
253Kb / 12P
   Fast Operational Amplifier
ELH0033G ELANTEC-ELH0033G Datasheet
242Kb / 12P
   Fast Buffer Amplifier
ELH0041G ELANTEC-ELH0041G Datasheet
240Kb / 8P
   0.1 Amp Power Operational Amplifier
More results

Similar Description - ELH0021K

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4141C NSC-LH4141C Datasheet
175Kb / 7P
   0.2 AMP POWER OPERATIONAL AMPLIFIER
LH0041 NSC-LH0041 Datasheet
264Kb / 14P
   1.0 Amp Power Operational Amplifier
logo
Elantec Semiconductor
ELH0041G ELANTEC-ELH0041G Datasheet
240Kb / 8P
   0.1 Amp Power Operational Amplifier
logo
National Semiconductor ...
LH0061 NSC-LH0061 Datasheet
60Kb / 2P
   0.5 AMP WIDE BAND OPERATIONAL AMPLIFIER
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com