Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ELH0021K Datasheet(PDF) 1 Page - Elantec Semiconductor

Part No. ELH0021K
Description  1 Amp Power Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELANTEC [Elantec Semiconductor]
Homepage  http://www.elantec.com
Logo 

ELH0021K Datasheet(HTML) 1 Page - Elantec Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ELH0021K8838508801YX
1 Amp Power Operational Amplifier
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation Patent pending
CMS
0021DS
1989 Elantec Inc
Features
 High output current12A
 Large output voltage swing
g
12V
 Low standby power100 mW
 Wide full power
bandwidth20 kHz
 Low input bias current
 Low input offset voltage
 High open-loop gain l100 dB
 MIL-STD-883 devices 100%
manufactured in USA
Ordering Information
Part No
Temp Range
Pkg
Outline
ELH0021K883B b55 Cto a125 C TO-3
MDP0003
8508801YX is the SMD version of this device
Connection Diagram
0021 – 1
Top View
General Description
The ELH0021 is a general purpose operational amplifier capa-
ble of delivering large output currents not usually associated
with conventional IC op amps the ELH0021 will provide out-
put currents in excess of 1A at voltage levels of g12V In addi-
tion both the inputs and outputs are protected against over-
load The device is compensated with a single external capacitor
and are free of any unusual oscillation or latch-up problems
The excellent input characteristics and high output capability
of the ELH0021 make it an ideal choice for power applications
such as DC servos capstan drivers deflection yoke drivers and
programmable power supplies
Other applications include torque drivers for inertial guidance
systems diddle yoke drivers for alphanumeric CRT displays
cable drivers and programmable power supplies for automatic
test equipment
The ELH0021 is supplied in an 8-pin TO-3 package rated at
20W with suitable heatsink The ELH0021 is guaranteed over
the temperature range of b55 Cto a125 C
Elantec facilities comply with MIL-I-45208A and other applica-
ble quality specifications Elantec’s Military devices are 100%
fabricated and assembled in our rigidly controlled ultra-clean
facilities in Milpitas California For additional information on
Elantec’s Quality and Reliability Assurance policy and proce-
dures request brochure QRA-1
Equivalent Schematic
0021 – 2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ELH0041G0.1 Amp Power Operational Amplifier 1 2 3 4 5 MoreElantec Semiconductor
LH4141C0.2 AMP POWER OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNational Semiconductor (TI)
LH00411.0 Amp Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
FLH0041G0.2 Amp Linear Power Operational Amplifier in a Hermetic 12-lead Package 1 2 3 List of Unclassifed Manufacturers
TA8461FDUAL POWER OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreToshiba Semiconductor
PA40HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER 1 2 3 4 List of Unclassifed Manufacturers
LA65101A Power Operational Amplifier 1 2 3 4 Sanyo Semicon Device
OP-290PRECISION LOW POWER MICROPOWER DUAL OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreAnalog Devices
KA334Dual Power Operational Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
PA240HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER 1 2 3 4 5 Cirrus Logic

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn